データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1236 データシート(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1236
部品情報  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1236 データシート(HTML) 9 Page - National Semiconductor (TI)

Back Button LM1236 Datasheet HTML 5Page - National Semiconductor (TI) LM1236 Datasheet HTML 6Page - National Semiconductor (TI) LM1236 Datasheet HTML 7Page - National Semiconductor (TI) LM1236 Datasheet HTML 8Page - National Semiconductor (TI) LM1236 Datasheet HTML 9Page - National Semiconductor (TI) LM1236 Datasheet HTML 10Page - National Semiconductor (TI) LM1236 Datasheet HTML 11Page - National Semiconductor (TI) LM1236 Datasheet HTML 12Page - National Semiconductor (TI) LM1236 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
Typical Performance Characteristics V
CC = 5V, TA = 25˚C unless otherwise specified (Continued)
SYSTEM INTERFACE SIGNALS
The Horizontal and Vertical Blanking and the Clamping input
signals are important for proper functionality of the LM1236.
Both blanking inputs must be present for OSD synchroniza-
tion. In addition, the Horizontal blanking input also assists in
setting the proper cathode black level, along with the Clamp-
ing pulse. The Vertical blanking input initiates a blanking
level at the LM1236 outputs which is programmable from 3
to 127 lines (we recommend at least 10). The start position
of the internal Horizontal blanking pulse is programmable
from 0 to 64 pixels ahead of the start position of the Hori-
zontal flyback input. Both horizontal and vertical blanking
can be individually disabled, if desired.
Figure 2 and Figure 3 show the case where the Horizontal
and Vertical inputs are logic levels. Figure 2 shows the
smaller pin 24 voltage superimposed on the horizontal
blanking pulse input to the neck board with R
H = 4.7k and
C
17 = 0.1 µF. Note where the voltage at pin 24 is clamped to
about 1V when the pin is sinking current. Figure 3 shows the
smaller pin 1 voltage superimposed on the vertical blanking
input to the neck board with C
4 jumpered and RV = 4.7k.
These component values correspond to the application cir-
cuit of Figure 9.
Figures 4, 5 show the case where the horizontal and vertical
inputs are from deflection. Figure 4 shows the pin 24 voltage
which is derived from a horizontal flyback pulse of 35V peak
to peak with R
H = 8.2K and C17 jumpered. Figure 5 shows
the pin 1 voltage which is derived from a vertical flyback
pulse of 55V peak to peak with C
4 = 1500 pF and RV = 120k.
Figure 6 shows the pin 23 clamp input voltage superimposed
on the neck board clamp logic input pulse. R
31 = 1k and
should be chosen to limit the pin 23 voltage to about 2.5V
peak to peak. This corresponds to the application circuit
given in Figure 9.
CATHODE RESPONSE
Figure 7 shows the response at the red cathode for the
application circuit in Figures 9, 10. The input video risetime is
1.5 ns. The resulting leading edge has a 7.1 ns risetime and
a 7.6% overshoot, while the trailing edge has a 7.1 ns
risetime and a 6.9% overshoot with an LM2467 driver.
ABL GAIN REDUCTION
The ABL function reduces the contrast level of the LM1236
as the voltage on pin 22 is lowered from V
CC to around 2V.
Figure 8 shows the amount of gain reduction as the voltage
is lowered from V
CC (5.0V) to 2V. The gain reduction is small
until V
22 reaches the knee around 3.7V, where the slope
increases. Many system designs will require about 3 dB to
5 dB of gain reduction in full beam limiting. Additional attenu-
ation is possible, and can be used in special circumstances.
However, in this case, video performance such as video
linearity and tracking between channels will tend to depart
from normal specifications.
OSD PHASE LOCKED LOOP
The PLL in the LM1236 has a maximum pixels per line
setting significantly higher than that of the LM1247. The
range for the LM1236 is from 704 to 1152 pixels per line, in
increments of 64. The maximum OSD pixel frequency avail-
able is 111 MHz. For example, if the horizontal scan rate is
106kHz, 1024 pixels per line would be acceptable to use,
since the OSD pixel frequency is:
Horizontal Scan Rate X PPL =
106kHz X 1024 = 108.5 MHz
20075708
FIGURE 8. ABL Gain Reduction Curve
www.national.com
9


同様の部品番号 - LM1236

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM123 NSC-LM123 Datasheet
203Kb / 8P
   3-Amp, 5-Volt Positive Regulator
logo
STMicroelectronics
LM123 STMICROELECTRONICS-LM123 Datasheet
170Kb / 9P
   THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS
logo
Seme LAB
LM123 SEME-LAB-LM123 Datasheet
65Kb / 7P
   3 AMP POSITIVE VOLTAGE REGULATORS
logo
Texas Instruments
LM123 TI1-LM123 Datasheet
1Mb / 13P
[Old version datasheet]   3-Amp, 5-Volt Positive Regulator
logo
Seme LAB
LM123-05 SEME-LAB-LM123-05 Datasheet
65Kb / 7P
   3 AMP POSITIVE VOLTAGE REGULATORS
More results

同様の説明 - LM1236

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1246 NSC-LM1246 Datasheet
2Mb / 51P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1247 NSC-LM1247 Datasheet
3Mb / 48P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1276 NSC-LM1276 Datasheet
2Mb / 50P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1237 NSC-LM1237_04 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1238 NSC-LM1238 Datasheet
1Mb / 24P
   110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
logo
Texas Instruments
LM1276 TI1-LM1276 Datasheet
1Mb / 56P
[Old version datasheet]   Compatible RGB Preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com