データシートサーチシステム |
|
LMV228TL データシート(PDF) 5 Page - National Semiconductor (TI) |
|
|
LMV228TL データシート(HTML) 5 Page - National Semiconductor (TI) |
5 / 21 page 5.0 DC and AC Electrical Characteristics (Continued) Unless otherwise specified, all limits are guaranteed to V DD = 5.0V; TJ = 25˚C. Boldface limits apply at temperature extremes. (Note 4) Symbol Parameter Condition Min Typ Max Units I EN Current Into RF IN/EN Pin 1 µA P IN Input Power Range (Note 5) LMV225 −30 0 dBm −43 −13 dBV LMV226 −15 15 dBm −28 2 dBV LMV228 −15 15 dBm −28 2 dBV Logarithmic Slope (Note 8) 900 MHz LMV225 44.6 mV/dB LMV226 44.6 LMV228 44.2 1800 MHz LMV225 40.6 LMV226 42.2 LMV228 42.4 1900 MHz LMV225 39.6 LMV226 41.8 LMV228 42.2 2000 MHz LMV225 39.7 LMV226 41.6 LMV228 41.8 Logarithmic Intercept (Note 8) 900 MHz LMV225 −47.0 dBm LMV226 −25.0 LMV228 −27.7 1800 MHz LMV225 −48.5 LMV226 −25.7 LMV228 −28.9 1900 MHz LMV225 −48.2 LMV226 −25.6 LMV228 −28.7 2000 MHz LMV225 −48.9 LMV226 −25.5 LMV228 −28.7 V OUT Output Voltage No RF Input Power Present LMV225 222 400 mV LMV226 231 400 LMV228 244 400 I OUT Output Current Sourcing/Sinking LMV226 Only 4.5 5.3 mA R OUT Output Impedance No RF Input Power Present 23.7 29 31 k Ω e n Output Referred Noise RF Input = 1800 MHz, −10 dBm for LMV225 and 5 dBm for LMV226/LMV228, Measured at 10 kHz 700 nV/ www.national.com 5 |
同様の部品番号 - LMV228TL |
|
同様の説明 - LMV228TL |