データシートサーチシステム |
|
SI4874DY データシート(PDF) 1 Page - Vishay Siliconix |
|
SI4874DY データシート(HTML) 1 Page - Vishay Siliconix |
1 / 5 page FEATURES D TrenchFETr Power MOSFETS D 100% Rg Tested Si4874BDY Vishay Siliconix New Product Document Number: 73058 S-41508—Rev. A, 09-Aug-04 www.vishay.com 1 N-Channel 30-V MOSFET PRODUCT SUMMARY VDS (V) rDS(on) (W) ID (A) 30 0.007 @ VGS = 10 V 16 30 0.0085 @ VGS = 4.5 V 14 SD S D SD G D SO-8 5 6 7 8 Top View 2 3 4 1 N-Channel MOSFET D G S Ordering Information: Si4874BDY—E3 Si4874BDY-T1—E3 (with Tape and Reel) ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED) Parameter Symbol 10 secs Steady State Unit Drain-Source Voltage VDS 30 V Gate-Source Voltage VGS "20 V Continuous Drain Current (TJ = 150_C)a TA = 25_C ID 16 12 Continuous Drain Current (TJ = 150_C)a TA = 70_C ID 13 9 A Pulsed Drain Current IDM "50 A Continuous Source Current (Diode Conduction)a IS 2.7 1.40 Maximum Power Dissipationa TA = 25_C PD 3.0 1.6 W Maximum Power Dissipationa TA = 70_C PD 2.0 1.0 W Operating Junction and Storage Temperature Range TJ, Tstg −55 to 150 _C THERMAL RESISTANCE RATINGS Parameter Symbol Typical Maximum Unit Maximum Junction to Ambient (MOSFET)a t v 10 sec R 34 41 Maximum Junction-to-Ambient (MOSFET)a Steady State RthJA 68 80 _C/W Maximum Junction-to-Foot (Drain) Steady State RthJF 16 21 C/W Notes a. Surface Mounted on 1” x 1” FR4 Board. |
同様の部品番号 - SI4874DY |
|
同様の説明 - SI4874DY |