データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLYH262 データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 TLYH262
部品情報  TOSHIBA LED Lamp InGaAP Yellow Light Emission
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLYH262 データシート(HTML) 2 Page - Toshiba Semiconductor

  TLYH262 Datasheet HTML 1Page - Toshiba Semiconductor TLYH262 Datasheet HTML 2Page - Toshiba Semiconductor TLYH262 Datasheet HTML 3Page - Toshiba Semiconductor TLYH262 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLYH262
2002-09-25
2
Electrical And Optical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 20mA
¾
2.1
2.5
V
Reverse current
IR
VR = 4V
¾
¾
50
µA
TLYH262
85.0
280
¾
Luminous
intensity
TLYH262 (PQ)
IV
IF = 20mA
(Note)
153
¾
736
mcd
Peak emission wavelength
λP
IF = 20mA
¾
590
¾
nm
Spectral line half width
∆λ
IF = 20mA
¾
13
¾
nm
Dominant wavelength
λd
IF = 20mA
¾
587
¾
nm
(Note): Lamps are classified into the following ranks according to their luminous intensity.
Measurement tolerance for each limit is ±15%.
N: 100
-200 mcd, P: 180-360 mcd, Q: 320-640 mcd.
Precaution
Please be careful of the followings
· Soldering temperature: 260°C max
Soldering time: 3s max
(Soldering portion of lead: Up to 2mm from the body of the device)
· If the lead is formed, the lead should be formed up to 5mm from the body of the device without forming stress to
the resin. Soldering should be performed after lead forming.
· This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp, please ensure
that it will not be affected by this IR light.


同様の部品番号 - TLYH262

メーカー部品番号データシート部品情報
logo
Marktech Corporate
TLYH262 MARKTECH-TLYH262 Datasheet
222Kb / 5P
   Toshiba TLxH262 Series LEDs
More results

同様の説明 - TLYH262

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLGE174P TOSHIBA-TLGE174P Datasheet
150Kb / 4P
   TOSHIBA LED Lamp InGaAP Green Light Emission
TLSH157P TOSHIBA-TLSH157P Datasheet
125Kb / 4P
   TOSHIBA LED Lamp InGaAP Red Light Emission
TLYH190P TOSHIBA-TLYH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Yellow Light Emission
TLYH160 TOSHIBA-TLYH160 Datasheet
130Kb / 4P
   TOSHIBA LED Lamp InGaALP Yellow Light Emission
TLYE260A TOSHIBA-TLYE260A Datasheet
125Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
TLYK16TAPTPK53 TOSHIBA-TLYK16TAPTPK53 Datasheet
479Kb / 7P
   TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
logo
Marktech Corporate
TLYK37TPMT MARKTECH-TLYK37TPMT Datasheet
266Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
logo
Toshiba Semiconductor
TLYK16TAPMT TOSHIBA-TLYK16TAPMT Datasheet
213Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
logo
Marktech Corporate
TLYK31TP MARKTECH-TLYK31TP Datasheet
160Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
logo
Toshiba Semiconductor
TLYH180P TOSHIBA-TLYH180P Datasheet
120Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com