データシートサーチシステム |
|
AD5392BST-5 データシート(PDF) 4 Page - Analog Devices |
|
AD5392BST-5 データシート(HTML) 4 Page - Analog Devices |
4 / 40 page AD5382 Rev. 0 | Page 4 of 40 SPECIFICATIONS AD5382-5 SPECIFICATIONS Table 3. AVDD = 4.5 V to 5.5 V; DVDD = 2.7 V to 5.5 V, AGND = DGND = 0 V; External REFIN = 2.5 V; all specifications TMIN to TMAX, unless otherwise noted Parameter AD5382-51 Unit Test Conditions/Comments ACCURACY Resolution 14 Bits Relative Accuracy2 (INL) ±4 LSB max Differential Nonlinearity (DNL) –1/+2 LSB max Guaranteed monotonic over temperature Zero-Scale Error 4 mV max Offset Error ±4 mV max Measured at Code 32 in the linear region Offset Error TC ±5 µV/°C typ Gain Error ±0.024 % FSR max At 25°C ±0.06 % FSR max TMIN to TMAX Gain Temperature Coefficient3 2 ppm FSR/°C typ DC Crosstalk3 0.5 LSB max REFERENCE INPUT/OUTPUT Reference Input3 Reference Input Voltage 2.5 V ±1% for specified performance, AVdd=2xREFIN+50mV DC Input Impedance 1 MΩ min Typically 100 MΩ Input Current ±1 µA max Typically ±30 nA Reference Range 1 to VDD/2 V min/max Reference Output4 Enabled via CR10 in the AD5382 control register. CR12 selects the reference voltage. Output Voltage 2.495/2.505 V min/max At ambient. CR12 = 1. Optimized for 2.5 V operation. 1.22/1.28 V min/max 1.25 V reference selected. CR12 = 0 Reference TC ±10 ppm/°C max Temperature Range : +25°C to +85°C ±15 ppm/°C max Temperature Range : –40°C to +85°C OUTPUT CHARACTERISTICS3 Output Voltage Range2 0/AVDD V min/max Short-Circuit Current 40 mA max Load Current ±1 mA max Capacitive Load Stability RL = ∞ 200 pF max RL = 5 kΩ 1000 pF max DC Output Impedance 0.5 Ω max MONITOR PIN Output Impedance 500 Ω typ Three-State Leakage Current 100 nA typ LOGIC INPUTS (EXCEPT SDA/SCL)3 DVDD = 2.7 V to 5.5 V VIH, Input High Voltage 2 V min VIL, Input Low Voltage 0.8 V max Input Current ±10 µA max Total for all pins. TA = TMIN to TMAX Pin Capacitance 10 pF max LOGIC INPUTS (SDA, SCL ONLY) VIH, Input High Voltage 0.7 DVDD V min SMBus compatible at DVDD < 3.6 V VIL, Input Low Voltage 0.3 DVDD V max SMBus compatible at DVDD < 3.6 V IIN, Input Leakage Current ±1 µA max VHYST, Input Hysteresis 0.05 DVDD V min CIN, Input Capacitance 8 pF typ Glitch Rejection 50 ns max Input filtering suppresses noise spikes of less than 50 ns |
同様の部品番号 - AD5392BST-5 |
|
同様の説明 - AD5392BST-5 |