データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1GU016NACA-0QC00 データシート(PDF) 59 Page - Samsung semiconductor

部品番号 MC1GU016NACA-0QC00
部品情報  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1GU016NACA-0QC00 データシート(HTML) 59 Page - Samsung semiconductor

Back Button MC1GU016NACA-0QC00 Datasheet HTML 55Page - Samsung semiconductor MC1GU016NACA-0QC00 Datasheet HTML 56Page - Samsung semiconductor MC1GU016NACA-0QC00 Datasheet HTML 57Page - Samsung semiconductor MC1GU016NACA-0QC00 Datasheet HTML 58Page - Samsung semiconductor MC1GU016NACA-0QC00 Datasheet HTML 59Page - Samsung semiconductor MC1GU016NACA-0QC00 Datasheet HTML 60Page - Samsung semiconductor MC1GU016NACA-0QC00 Datasheet HTML 61Page - Samsung semiconductor MC1GU016NACA-0QC00 Datasheet HTML 62Page - Samsung semiconductor MC1GU016NACA-0QC00 Datasheet HTML 63Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
MultiMediaCard
TM
59
Data Response
Every data block written to the card will be acknowledged by a data response token. It is one byte long
and has the following format:
Figure 4-11 Data Response
The meaning of the status bits is defined as follows:
‘010’ - Data accepted
‘101’ - Data rejected due to a CRC error.
‘110’ - Data rejected due to a Write Error.
4.10.13 Data Tokens
Read and write commands have data transfers associated with them. Data is being transmitted or
received via data tokens. All data bytes are transmitted MSB first.
Data tokens are 4 to (N + 3) bytes long (Where N is the data block length set using the
SET_BLOCK_LENGTH Command) and have the following format :
- First byte: Start Byte
Token Type
Transaction Type
7
Bit Position
0
Start Block
Single Block Read
1
1
1
1
1
1
1
0
Start Block
Multiple Block Read
1
1
1
1
1
1
1
0
Start Block
Single Block Write
1
1
1
1
1
1
1
0
Start Block
Multiple Block Write
1
1
1
1
1
1
0
0
Stop Tran
Multiple Block Write
1
1
1
1
1
1
0
1
Figure 4-12 Data Tokens
- Bytes 2 – (N + 1) : User data
- Last two bytes: 16 bit CRC.
4.10.14 Data Error Token
If a read operation fails and the card cannot provide the required data, it will send a data error token
instead. This token is one byte long and has the following format:


同様の部品番号 - MC1GU016NACA-0QC00

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
MC1GH128DACA-2SA00 SAMSUNG-MC1GH128DACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
MC1GH128NACA-2SA00 SAMSUNG-MC1GH128NACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
MC1GH256DACA-2SA00 SAMSUNG-MC1GH256DACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
More results

同様の説明 - MC1GU016NACA-0QC00

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com