データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STE40NK90ZD データシート(PDF) 10 Page - STMicroelectronics

部品番号 STE40NK90ZD
部品情報  N-CHANNEL 900V - 0.14 - 40 A ISOTOP Super FREDMeshTM MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE40NK90ZD データシート(HTML) 10 Page - STMicroelectronics

Back Button STE40NK90ZD Datasheet HTML 2Page - STMicroelectronics STE40NK90ZD Datasheet HTML 3Page - STMicroelectronics STE40NK90ZD Datasheet HTML 4Page - STMicroelectronics STE40NK90ZD Datasheet HTML 5Page - STMicroelectronics STE40NK90ZD Datasheet HTML 6Page - STMicroelectronics STE40NK90ZD Datasheet HTML 7Page - STMicroelectronics STE40NK90ZD Datasheet HTML 8Page - STMicroelectronics STE40NK90ZD Datasheet HTML 9Page - STMicroelectronics STE40NK90ZD Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
STE40NK90ZD
10/10
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
All other names are the property of their respective owners
© 2004 STMicroelectronics - All Rights Reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
www.st.com


同様の部品番号 - STE40NK90ZD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STE40NK90ZD STMICROELECTRONICS-STE40NK90ZD_06 Datasheet
308Kb / 13P
   N-channel 900V - 0.14廓 - 40A ISOTOP Super FREDmesh??MOSFET
More results

同様の説明 - STE40NK90ZD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STE40NK90ZD STMICROELECTRONICS-STE40NK90ZD_06 Datasheet
308Kb / 13P
   N-channel 900V - 0.14廓 - 40A ISOTOP Super FREDmesh??MOSFET
STE26NA90 STMICROELECTRONICS-STE26NA90 Datasheet
92Kb / 8P
   N - CHANNEL 900V - 0.25ohm- 26A - ISOTOP FAST POWER MOSFET
STE30NK90Z STMICROELECTRONICS-STE30NK90Z Datasheet
228Kb / 10P
   N-CHANNEL 900V - 0.21??- 28A ISOTOP Zener-Protected SuperMESH??MOSFET
STE45NK80ZD STMICROELECTRONICS-STE45NK80ZD Datasheet
287Kb / 10P
   N-CHANNEL 800V - 0.11ohm - 45 A ISOTOP Super FREDMesh MOSFET
STE30NK90Z STMICROELECTRONICS-STE30NK90Z_06 Datasheet
300Kb / 13P
   N-channel 900V - 0.21廓 - 28A ISOTOP Zener-Protected SuperMESTM MOSFET
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com