データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP227A データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 TLP227A
部品情報  CORDLESS TELEPHONE PBX MODEM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP227A データシート(HTML) 2 Page - Toshiba Semiconductor

  TLP227A Datasheet HTML 1Page - Toshiba Semiconductor TLP227A Datasheet HTML 2Page - Toshiba Semiconductor TLP227A Datasheet HTML 3Page - Toshiba Semiconductor TLP227A Datasheet HTML 4Page - Toshiba Semiconductor TLP227A Datasheet HTML 5Page - Toshiba Semiconductor TLP227A Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP227A,TLP227A-2
2001-08-09
2/6
MAXIMUM RATINGS (Ta
==== 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
IF
50
mA
Forward Current Derating (Ta >
= 25°C)
DIF/°C
-0.5
mA/°C
Peak Forward Current (100
ms pulse, 100 pps)
IFP
1
A
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
°C
Off-State Output Terminal Voltage
VOFF
60
V
TLP227A
One Channel
On-State Current
TLP227A-2
Both Channel (Note 1)
ION
500
mA
TLP227A
One Channel
On-State Current Derating (Ta >
= 25°C)
TLP227A-2
Both Channel (Note 1)
DION/°C
-5.0
mA/°C
Junction Temperature
Tj
125
°C
Storage Temperature Range
Tstg
-55~125
°C
Operating Temperature Range
Topr
-40~85
°C
Lead Soldering Temperature (10 s)
Tsol
260
°C
Isolation Voltage (AC, 1 minute, R.H. <
= 60%)
(Note 2)
BVS
2500
Vrms
(Note 1) :Two channels operating simultaneously.
(Note 2):Device considered a two-terminal device : LED side pins shorted together, and
DETECTOR side pins
shorted together.
RECOMMANDED OPERATING CONDISIONS
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
¾
¾
48
V
Forward Current
IF
5
7.5
25
mA
On-State Current
ION
¾
¾
400
mA
Operating Temperature
Topr
-20
¾
65
°C
INDIVIDUAL ELECTRICAL CHARACTERISTICS (Ta
==== 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse Current
IR
VR = 5 V
¾
¾
10
mA
Capacitance
CT
V
= 0, f = 1 MHz
¾
30
¾
pF
Off-State Current
IOFF
VOFF = 60 V
¾
¾
1
mA
Capacitance
COFF
V
= 0, f = 1 MHz
¾
130
¾
pF


同様の部品番号 - TLP227A

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP227G TOSHIBA-TLP227G Datasheet
74Kb / 4P
   CORDLESS TELEPHONE PBX MODEM
TLP227G TOSHIBA-TLP227G Datasheet
217Kb / 6P
   Photo Relay
TLP227G-2 TOSHIBA-TLP227G-2 Datasheet
74Kb / 4P
   CORDLESS TELEPHONE PBX MODEM
TLP227G-2 TOSHIBA-TLP227G-2 Datasheet
217Kb / 6P
   Photo Relay
TLP227G-2N TOSHIBA-TLP227G-2N Datasheet
74Kb / 4P
   CORDLESS TELEPHONE PBX MODEM
More results

同様の説明 - TLP227A

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
   Cordless Telephone PBX Modem
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
   Cordless Telephone PBX MODEM
TLP597G TOSHIBA-TLP597G_14 Datasheet
210Kb / 6P
   Cordless Telephone PBX Modem
TLP227G TOSHIBA-TLP227G Datasheet
74Kb / 4P
   CORDLESS TELEPHONE PBX MODEM
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
   Cordless Telephones PBX Modems
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
   Cordless Telephone
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
   Cordless Telephone
logo
OKI electronic componet...
MSM7557 OKI-MSM7557 Datasheet
153Kb / 25P
   Single Chip MSK Modem with Compandor for Cordless Telephone
MSM7532 OKI-MSM7532 Datasheet
154Kb / 21P
   Single Chip MSK Modem with Compandor for Cordless Telephone
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com