データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA6500TT データシート(PDF) 5 Page - NXP Semiconductors

部品番号 TDA6500TT
部品情報  5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6500TT データシート(HTML) 5 Page - NXP Semiconductors

  TDA6500TT Datasheet HTML 1Page - NXP Semiconductors TDA6500TT Datasheet HTML 2Page - NXP Semiconductors TDA6500TT Datasheet HTML 3Page - NXP Semiconductors TDA6500TT Datasheet HTML 4Page - NXP Semiconductors TDA6500TT Datasheet HTML 5Page - NXP Semiconductors TDA6500TT Datasheet HTML 6Page - NXP Semiconductors TDA6500TT Datasheet HTML 7Page - NXP Semiconductors TDA6500TT Datasheet HTML 8Page - NXP Semiconductors TDA6500TT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
9397 750 15057
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 14 June 2005
5 of 37
Philips Semiconductors
TDA6500; TDA6501
5 V mixer/oscillator and synthesizer for PAL and NTSC standards
7.
Functional description
7.1 General
TDA6500TT and TDA6501TT are programmable 2-mixer, 3-oscillator and synthesizer
MOPLLs intended for pure 3-band tuner concepts.
The device includes two double balanced mixers for the low and mid/high bands and three
oscillators for the low, mid and high bands respectively. The band limits for PAL tuners are
shown in Table 3.
Other functions are an IF amplifier, a wide-band AGC detector and a PLL synthesizer.
Two pins are available between the mixer output and the IF amplifier input to enable
IF filtering for improved signal handling.
Bit P0 enables Port P0 and the low band mixer and oscillator (see Table 4). Bit P1 enables
Port P1, the mid/high band mixer and the mid band oscillator. Bit P2 enables Port P2 and
bit P3 enables Port P3. When Ports P0 and P1 are disabled, the mid/high band mixer and
the high band oscillator are enabled.
MOSCOUT
4
29
mid band oscillator output
OSCGND
3
30
oscillator ground
P0
23
10
PMOS open-drain port 0 to select low band operation
P1
24
9
PMOS open-drain port 1 to select mid band operation
P2
26
7
PMOS open-drain general purpose port 2
P3
22
11
PMOS open-drain general purpose port 3
P4
17
16
NPN open-collector general purpose port 4
P6/ADC
18
15
NPN open-collector general purpose port 6 or ADC
input
PLLGND
13
20
digital ground
RFGND
29
4
RF ground
SCL
20
13
serial clock input
SDA
19
14
serial data input and output
VCC
10
23
supply voltage
VT
15
18
tuning voltage output
XTAL
14
19
crystal oscillator input
Table 2:
Pin description …continued
Symbol
Pin
Description
TDA6500TT TDA6501TT
Table 3:
Low, mid and high band limits
Band
Input fRFpix (MHz)
Oscillator fosc (MHz)
Min
Max
Min
Max
Low
45.25
154.25
84.15
193.15
Mid
161.25
439.25
200.15
478.15
High
455.25
855.25
494.15
894.15


同様の部品番号 - TDA6500TT

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
More results

同様の説明 - TDA6500TT

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
logo
OmniVision Technologies...
OV7959 OMNIVISION-OV7959 Datasheet
1Mb / 2P
   NTSC and PAL output
logo
NXP Semiconductors
TDA6650ATT NXP-TDA6650ATT Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
NXP Semiconductors
TDA8360 PHILIPS-TDA8360 Datasheet
200Kb / 36P
   Integrated PAL and PAL/NTSC TV processors
March 1994
logo
STMicroelectronics
TDA8219 STMICROELECTRONICS-TDA8219 Datasheet
100Kb / 9P
   PAL/NTSC DECODER AND VIDEO PROCESSOR
April 1996
logo
Toshiba Semiconductor
TA1298AN TOSHIBA-TA1298AN Datasheet
3Mb / 89P
   PAL/NTSC VIDEO CHROMA AND DEFLECTION IC FOR CTV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com