データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1GU032HDCA-0QC00 データシート(PDF) 29 Page - Samsung semiconductor

部品番号 MC1GU032HDCA-0QC00
部品情報  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1GU032HDCA-0QC00 データシート(HTML) 29 Page - Samsung semiconductor

Back Button MC1GU032HDCA-0QC00 Datasheet HTML 25Page - Samsung semiconductor MC1GU032HDCA-0QC00 Datasheet HTML 26Page - Samsung semiconductor MC1GU032HDCA-0QC00 Datasheet HTML 27Page - Samsung semiconductor MC1GU032HDCA-0QC00 Datasheet HTML 28Page - Samsung semiconductor MC1GU032HDCA-0QC00 Datasheet HTML 29Page - Samsung semiconductor MC1GU032HDCA-0QC00 Datasheet HTML 30Page - Samsung semiconductor MC1GU032HDCA-0QC00 Datasheet HTML 31Page - Samsung semiconductor MC1GU032HDCA-0QC00 Datasheet HTML 32Page - Samsung semiconductor MC1GU032HDCA-0QC00 Datasheet HTML 33Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
MultiMediaCard
TM
29
shown in table “File_Formats”
COPY
Defines if the contents are an original (= 0) or a copy (= 1). The COPY bit is a one time programmable bit,
being set by the customer.
PERM_WRITE_PROTECT
Permanently protects the whole card content against overwriting or erasing (all write and erase
commands for this card is a permanently disabled). This parameter is one-time programmable by the
customer. The default value is ‘0’ (not protected).
TMP_WRITE_PROTECT
Temporarily protects the whole card content from being overwritten or erased (all write and erase
commands for this card are temporarily disabled). This parameter is programmable by the customer. The
default value is ‘0’ (not protected).
FILE_FORMAT
Indicates the file format on the card. This field is read-only for ROM. The following formats are defined.
FILE_FORMAT
_GRP
FILE_FOR
MAT
Type
0
0
Hard disk-like file system with partition table
0
1
DOS FAT (floppy-like) with boot sector only (no partition table)
0
2
Universal File Format
0
3
Others/Unknown
1
0,1,2,3
Reserved
ECC
Defines the ECC code that was used for storing data on the card. This field is used by the host (or
application) to decode the user data. The following table defines the field format.
ECC
ECC Type
Maximum number of correctable bits
0
None (default)
None
1
BCH (542,512)
3
2-3
0,1,2,3
-
The content provider or customer defines which kind of error correction may be used to protect the
contents of MultiMediaCard. This value is programmable.
CRC7
The CRC7 contains the check sum for the CSD content. The check sum is computed according to
chapter “Cyclic Redundancy Check(CRC)”.


同様の部品番号 - MC1GU032HDCA-0QC00

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
MC1GH128DACA-2SA00 SAMSUNG-MC1GH128DACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
MC1GH128NACA-2SA00 SAMSUNG-MC1GH128NACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
MC1GH256DACA-2SA00 SAMSUNG-MC1GH256DACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
More results

同様の説明 - MC1GU032HDCA-0QC00

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com