データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F004B-T-70JF データシート(PDF) 4 Page - Advanced Micro Devices

部品番号 AM29F004B-T-70JF
部品情報  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F004B-T-70JF データシート(HTML) 4 Page - Advanced Micro Devices

  AM29F004B-T-70JF Datasheet HTML 1Page - Advanced Micro Devices AM29F004B-T-70JF Datasheet HTML 2Page - Advanced Micro Devices AM29F004B-T-70JF Datasheet HTML 3Page - Advanced Micro Devices AM29F004B-T-70JF Datasheet HTML 4Page - Advanced Micro Devices AM29F004B-T-70JF Datasheet HTML 5Page - Advanced Micro Devices AM29F004B-T-70JF Datasheet HTML 6Page - Advanced Micro Devices AM29F004B-T-70JF Datasheet HTML 7Page - Advanced Micro Devices AM29F004B-T-70JF Datasheet HTML 8Page - Advanced Micro Devices AM29F004B-T-70JF Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
2
Am29F004B
8/5/05
AD VA NC E
IN FO RM AT ION
GENERAL DESCRIPTION
The Am29F004B is a 4 Mbit, 5.0 volt-only Flash memory
device organized as 524,288 bytes. The data appears on
DQ0–DQ7. The device is offered in a 32-pin PLCC package.
This device is designed to be programmed in-system with the
standard system 5.0 volt VCC supply. A 12.0 volt VPP is not
required for program or erase operations. The device can also
be programmed in standard EPROM programmers.
The device offers access times of 70, 90, and 120 ns, allowing
high speed microprocessors to operate without wait states.
To eliminate bus contention each device has separate chip
enable (CE#), write enable (WE#) and output enable (OE#)
controls.
Each device requires only a single 5.0 volt power supply for
both read and write functions. Internally generated and regu-
lated voltages are provided for the program and erase
operations.
The Am29F004B is entirely command set compatible with the
JEDEC single-power-supply Flash standard. Commands
are written to the command register using standard micropro-
cessor write timing. Register contents serve as inputs to an
internal state-machine that controls the erase and program-
ming circuitry. Write cycles also internally latch addresses
and data needed for the programming and erase operations.
Reading data out of the device is similar to reading from other
Flash or EPROM devices.
Device programming occurs by executing the program
command sequence. This initiates the Embedded Program
algorithm-an internal algorithm that automatically times the
program pulse widths and verifies proper cell margin.
Device erasure occurs by executing the erase command
sequence. This initiates the Embedded Erase algorithm–an
internal algorithm that automatically preprograms the array (if it
is not already programmed) before executing the erase opera-
tion. During erase, the device automatically times the erase
pulse widths and verifies proper cell margin.
The host system can detect whether a program or erase
operation is complete by reading the DQ7 (Data# Polling), or
DQ6 (toggle) status bits. After a program or erase cycle is
completed, the device is ready to read array data or accept
another command.
The sector erase architecture allows memory sectors to be
erased and reprogrammed without affecting the data con-
tents of other sectors. The device is fully erased when
shipped from the factory.
Hardware data protection measures include a low VCC
detector that automatically inhibits write operations during
power transitions.
The hardware sector protection feature dis-
ables both program and erase operations in any combination
of sectors of memory. This can be achieved in-system or via
programming equipment.
The Erase Suspend feature enables the user to put erase on
hold for any period of time to read data from, or program data
to, any sector that is not selected for erasure. True back-
ground erase can thus be achieved.
The device offers a standby mode as a power-saving fea-
ture. Once the system places the device into the standby
mode power consumption is greatly reduced.
AMD’s Flash technology combines years of Flash memory
manufacturing experience to produce the highest levels of
quality, reliability and cost effectiveness. The device electri-
cally erases all bits within a sector simultaneously via Fowler-
Nordheim tunnelling. The data is programmed using hot elec-
tron injection.


同様の部品番号 - AM29F004B-T-70JF

メーカー部品番号データシート部品情報
logo
SPANSION
AM29F004B SPANSION-AM29F004B Datasheet
944Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F004BB-70JF SPANSION-AM29F004BB-70JF Datasheet
944Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F004BB-70JI SPANSION-AM29F004BB-70JI Datasheet
944Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F004BB-90JE SPANSION-AM29F004BB-90JE Datasheet
944Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F004BB-90JF SPANSION-AM29F004BB-90JF Datasheet
944Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results

同様の説明 - AM29F004B-T-70JF

メーカー部品番号データシート部品情報
logo
SPANSION
AM29F004B SPANSION-AM29F004B_06 Datasheet
944Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV004B-1 AMD-AM29LV004B-1 Datasheet
769Kb / 40P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004 AMD-AM29LV004 Datasheet
455Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004B AMD-AM29LV004B Datasheet
39Kb / 6P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F400B SPANSION-AM29F400B_09 Datasheet
862Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
SPANSION
AM29F040B-09 SPANSION-AM29F040B-09 Datasheet
918Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B_06 Datasheet
981Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com