データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1500.3C-44.736MHZ データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 LM1500.3C-44.736MHZ
部品情報  Half Size Voltage Controlled Crystal Oscillator (VCXO)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

LM1500.3C-44.736MHZ データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  LM1500.3C-44.736MHZ Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LM1500 Series
Half Size Voltage Controlled Crystal Oscillator (VCXO)
• HCMOS/TTL Output
• 5.0V Supply Voltage
• 8 pin DIP package
• Wide Frequency and Pull range
ELECTRICAL SPECIFICATIONS
Frequency Range
500 KHz – 160MHz
Frequency Stability
±25ppm
±50ppm
±100ppm
Operating Temperature Range
0 ~ +70°C
Storage Temperature Range
-55 ~ +125°C
Input Voltage
+5.0VDC ±10%
Input Current
500kHz to 25.000MHz
25mA Max
25.000MHz to 40.000MHz
35mA Max
40.000MHz to 90.000MHz
50mA Max
90.000MHz to 160.000MHz
55mA Max
Symmetry (Duty Cycle)
50±10% , 50±5%
Logic “O” Level
0.4VDC Max
Logic “1” Level
VDD – 0.5VDC Min
Rise Time / Fall Time
5nSeconds Max
Frequency Control Voltage
0.5VDC to 4.5VDC, 0V to 5.0VDC
Frequency Pullability
±50ppm Min, ±100ppm Min, ±150ppm Min, ±200ppm Min
Output Load Capability
10TTL or 15pF HCMOS
Linearity
±20%, ±15%, ±10%, ±5%,
PART NUMBERING GUIDE
LM1500 .3 C – 44.736MHz
Input Voltage
Frequency
Blank - 5V
.3
- 3.3V
.2
- 2.5V
Available Options
.18
- 1.8V
Blank - standard
G - Gull Wing
Frequency Tolerance/Stability
J - J-Lead
Blank or A - ±100ppm
ET - Extended Temp (-40~+85°C)
B
- ± 50ppm
C
- ± 25ppm
X
- Customer Specified
PACKAGE DIMENSIONS
General Electronic Devices
Pin 1: Control Voltage
Pin 4: Case Ground
Pin 5: Output
Pin 8: Supply Voltage
320 So. Pacific St. San Marcos, CA 92069 Tel: (760) 591-4170 Fax: (760) 591-4164 Email: gedlm@4dcomm.com Website: www.gedlm.com


同様の部品番号 - LM1500.3C-44.736MHZ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM150 NSC-LM150 Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
STMicroelectronics
LM150 STMICROELECTRONICS-LM150 Datasheet
103Kb / 7P
   THREE-TERMINAL 3 A ADJUSTABLE VOLTAGE REGULATORS
March 1993
logo
Seme LAB
LM150 SEME-LAB-LM150 Datasheet
59Kb / 6P
   3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM150 SEMTECH_ELEC-LM150 Datasheet
418Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Texas Instruments
LM150 TI-LM150 Datasheet
2Mb / 21P
[Old version datasheet]   LM150/LM350A/LM350 3-Amp Adjustable Regulators
More results

同様の説明 - LM1500.3C-44.736MHZ

メーカー部品番号データシート部品情報
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
7311D NDK-7311D Datasheet
77Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
7311E NDK-7311E Datasheet
79Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
7311F NDK-7311F Datasheet
78Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SA NDK-NV5032SA Datasheet
78Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SB NDK-NV5032SB Datasheet
309Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO)
NV7050SA NDK-NV7050SA_15 Datasheet
287Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO)
logo
TXC Corporation.
6U-SERIES TXC-6U-SERIES Datasheet
949Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO).
BJ-SERIES TXC-BJ-SERIES Datasheet
961Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO).
CJ-SERIES TXC-CJ-SERIES Datasheet
942Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO).
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com