データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1GU064HBYA-0QC00 データシート(PDF) 50 Page - Samsung semiconductor

部品番号 MC1GU064HBYA-0QC00
部品情報  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1GU064HBYA-0QC00 データシート(HTML) 50 Page - Samsung semiconductor

Back Button MC1GU064HBYA-0QC00 Datasheet HTML 46Page - Samsung semiconductor MC1GU064HBYA-0QC00 Datasheet HTML 47Page - Samsung semiconductor MC1GU064HBYA-0QC00 Datasheet HTML 48Page - Samsung semiconductor MC1GU064HBYA-0QC00 Datasheet HTML 49Page - Samsung semiconductor MC1GU064HBYA-0QC00 Datasheet HTML 50Page - Samsung semiconductor MC1GU064HBYA-0QC00 Datasheet HTML 51Page - Samsung semiconductor MC1GU064HBYA-0QC00 Datasheet HTML 52Page - Samsung semiconductor MC1GU064HBYA-0QC00 Datasheet HTML 53Page - Samsung semiconductor MC1GU064HBYA-0QC00 Datasheet HTML 54Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
MultiMediaCard
TM
50
The SPI mode supports single and multiple block read operations (CMD17 and CMD18 in the
MultiMediaCard protocol). The main difference SPI and MultiMediaCard modes is that the data and the
response are both transmitted to the host on the DataOut signal. Therefore the card response to the
STOP_COMMAND may cut-short and replace the last data block (refer to Figure “Read Operation”).
Figure 4-4 Single Block Read Operation
Figure 4-5 Multiple Block Read Operation
The basic unit of data transfer is a block whose maximum size is defined in the CSD (READ_BL_LEN). A
16-bit CRC is appended to the end of each block ensuring data transfer integrity (also refer to chapter
“Cyclic Redundancy Check (CRC)”). CMD17 (READ_SINGLE_BLOCK) initiates a single block read.
CMD18 (READ_MULTIPLE_BLOCK) starts a transfer of several consecutive blocks. Two types of
multiple block read transactions are defined (the host can use either one at any time):
* Open-ended Multiple block read
The number of blocks for the read multiple block operation is not defined. The card willcontinuously
transfer data blocks until a stop transmission command is received.
* Multiple block read with pre-defined block count
The card will transfer the requested number of data blocks, terminate the transaction and return to
transfer state. Stop command is not required at the end of this type of multiple block read, unless
terminated with an error. In order to start a multiple block read with pre-defined block count, the host
must
use
the
SET_BLOCK_COUNT
command
(CMD23)
immediately
preceding
the
READ_MULTIPLE_BLOCK (CMD18) command. Otherwise the card will start an open-ended multiple
block read which can be stopped using the STOP_TRANSMISSION command.
The host can abort reading at any time, within a multiple block operation, regardless of the its type.
Transaction abort is done by sending the stop transmission command.
In case of a data retrieval error, the card will not transmit any data. Instead, a special data error token will
be sent to the host. Figure “Read Operation-Data Error” shows a data read operation which terminated


同様の部品番号 - MC1GU064HBYA-0QC00

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
MC1GH128DACA-2SA00 SAMSUNG-MC1GH128DACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
MC1GH128NACA-2SA00 SAMSUNG-MC1GH128NACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
MC1GH256DACA-2SA00 SAMSUNG-MC1GH256DACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
More results

同様の説明 - MC1GU064HBYA-0QC00

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com