データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3054 データシート(PDF) 1 Page - Seme LAB

部品番号 2N3054
部品情報  Bipolar NPN Device in a Hermetically sealed TO66 Metal Package.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3054 データシート(HTML) 1 Page - Seme LAB

  2N3054 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N3054
Bipolar NPN Device.
V
CEO =
55V
I
C = 4A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
55
V
I
C(CONT)
4
A
h
FE
@ 4/0.5 (V
CE / IC)
25
100
-
f
t
0.8M
Hz
P
D
25
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
TO66 (TO213AA)
PINOUTS
1 – Base
2 – Emitter
Case – Collector
Bipolar NPN Device in a
Hermetically sealed TO66
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
3.68
(0.145) rad.
max.
3.61 (0.142)
4.08(0.161)
rad.
1.27 (0.050)
1.91 (0.750)
9.14 (0.360)
min.
4.83 (0.190)
5.33 (0.210)
6.35 (0.250)
8.64 (0.340)
1
2


同様の部品番号 - 2N3054

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
2N3054 CENTRAL-2N3054 Datasheet
88Kb / 2P
   NPN SILICON POWER TRANSISTOR
2N3054 CENTRAL-2N3054 Datasheet
51Kb / 1P
   Power Transistors
logo
List of Unclassifed Man...
2N3054 ETC-2N3054 Datasheet
347Kb / 8P
   Power Transistors
logo
Savantic, Inc.
2N3054 SAVANTIC-2N3054 Datasheet
137Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N3054 ISC-2N3054 Datasheet
182Kb / 4P
   Silicon NPN Power Transistors
More results

同様の説明 - 2N3054

メーカー部品番号データシート部品情報
logo
Seme LAB
BUX61 SEME-LAB-BUX61 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66 Metal Package.
MJ3101 SEME-LAB-MJ3101 Datasheet
10Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66 Metal Package.
BUX60 SEME-LAB-BUX60 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
MJ4401 SEME-LAB-MJ4401 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66 Metal Package.
2N5610 SEME-LAB-2N5610 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66 Metal Package.
SF_2N4232 SEME-LAB-SF_2N4232 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
2N5050 SEME-LAB-2N5050 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
BUX62 SEME-LAB-BUX62 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
SF_2N5665 SEME-LAB-SF_2N5665 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
SF_2N3767 SEME-LAB-SF_2N3767 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
2N5598 SEME-LAB-2N5598 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com