データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5231BRU100 データシート(PDF) 1 Page - Analog Devices

部品番号 AD5231BRU100
部品情報  Nonvolatile Memory, 1024-Position Digital Potentiometers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5231BRU100 データシート(HTML) 1 Page - Analog Devices

  AD5231BRU100 Datasheet HTML 1Page - Analog Devices AD5231BRU100 Datasheet HTML 2Page - Analog Devices AD5231BRU100 Datasheet HTML 3Page - Analog Devices AD5231BRU100 Datasheet HTML 4Page - Analog Devices AD5231BRU100 Datasheet HTML 5Page - Analog Devices AD5231BRU100 Datasheet HTML 6Page - Analog Devices AD5231BRU100 Datasheet HTML 7Page - Analog Devices AD5231BRU100 Datasheet HTML 8Page - Analog Devices AD5231BRU100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD5231*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Nonvolatile Memory,
1024-Position Digital Potentiometers
FUNCTIONAL BLOCK DIAGRAM
RDAC
REGISTER
EEMEM1
DIGITAL
REGISTER
EEMEM
CONTROL
28 BYTES
USER EEMEM
EEMEM2
AD5231
RDAC
DIGITAL
OUTPUT
BUFFER
CS
CLK
WP
PR
SDI
GND
SDO
RDY
SDO
SERIAL
INTERFACE
ADDR
DECODE
VDD
VSS
A
W
B
O1
O2
SDI
2
CODE – Decimal
100
75
0
0
1023
256
512
768
50
25
RWB
RWA
Figure 1. RWA(D) and RWB(D) vs. Decimal Code
FEATURES
Nonvolatile Memory1 Preset Maintains Wiper Settings
1024-Position Resolution
Full Monotonic Operation
10 k , 50 k , and 100 k
Terminal Resistance
Permanent Memory Write-Protection
Wiper Settings Read Back
Linear Increment/Decrement
Log Taper Increment/Decrement
Push Button Increment/Decrement Compatible
SPI Compatible Serial Interface with Readback Function
3 V to 5 V Single Supply or
2.5 V Dual Supply
28 Bytes User Nonvolatile Memory for Constant Storage
100 Year Typical Data Retention TA = 55 C
APPLICATIONS
Mechanical Potentiometer Replacement
Instrumentation: Gain, Offset Adjustment
Programmable Voltage to Current Conversion
Programmable Filters, Delays, Time Constants
Line Impedance Matching
Power Supply Adjustment
Low Resolution DAC Replacement
GENERAL DESCRIPTION
The AD5231 provides nonvolatile memory digitally controlled
potentiometers
2 with 1024-position resolution. These devices
perform the same electronic adjustment function as a mechanical
potentiometer. The AD5231’s versatile programming via a stan-
dard 3-wire serial interface allows 16 modes of operation and
adjustment, including scratch pad programming, memory stor-
ing and retrieving, increment/decrement, log taper adjustment,
wiper setting read back, and extra user-defined EEMEM.
In the scratch pad programming mode, a specific setting can be
programmed directly to the RDAC
2 register, which sets the resis-
tance at terminals W-A and W-B. The RDAC register can also
be loaded with a value previously stored in the EEMEM
1 regis-
ter. The value in the EEMEM can be changed or protected.
When changes are made to the RDAC register, the value of the
new setting can be saved into the EEMEM. Thereafter, such value
will be transferred automatically to the RDAC register during
system power ON. It is enabled by the internal preset strobe.
EEMEM can also be retrieved through direct programming and
external preset pin control.
Other operations include linear step increment and decrement
commands such that the setting in the RDAC register can be
moved UP or DOWN, one step at a time. For logarithmic changes
in wiper setting, a left/right bit shift command adjusts the level
in
±6 dB steps.
The AD5231 is available in thin TSSOP-16 package. All parts
are guaranteed to operate over the extended industrial tempera-
ture range of –40
°C to +85°C.
NOTES
1The terms Nonvolatile Memory and EEMEM are used interchangeably.
2The terms Digital Potentiometer and RDAC are used interchangeably.
*Patent pending


同様の部品番号 - AD5231BRU100

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5231BRU100 AD-AD5231BRU100 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5231BRU100 AD-AD5231BRU100 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5231BRU100-REEL7 AD-AD5231BRU100-REEL7 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5231BRU100-REEL7 AD-AD5231BRU100-REEL7 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
More results

同様の説明 - AD5231BRU100

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5233 AD-AD5233 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24