データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L796BSRC データシート(PDF) 4 Page - Kingbright Corporation

部品番号 L796BSRC
部品情報  The High Efficiency Red Source Color Devices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGBRIGHT [Kingbright Corporation]
ホームページ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L796BSRC データシート(HTML) 4 Page - Kingbright Corporation

  L796BSRC Datasheet HTML 1Page - Kingbright Corporation L796BSRC Datasheet HTML 2Page - Kingbright Corporation L796BSRC Datasheet HTML 3Page - Kingbright Corporation L796BSRC Datasheet HTML 4Page - Kingbright Corporation L796BSRC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPEC NO: CDA0807
REV NO: V.1
DATE: NOV/18/2001
PAGE: 4 OF 5
APPROVED: J.LU
CHECKED:
DRAWN: Y.F.XU
Green L796BGD
Yellow L796BYD


同様の部品番号 - L796BSRC

メーカー部品番号データシート部品情報
logo
Visual Communications C...
L79 VCC-L79 Datasheet
590Kb / 2P
   LED Indicator lights mounting hole
logo
STMicroelectronics
L79 STMICROELECTRONICS-L79 Datasheet
652Kb / 28P
   Negative voltage regulators
June 2014 Rev 22
L7900 STMICROELECTRONICS-L7900 Datasheet
445Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L7900AC STMICROELECTRONICS-L7900AC Datasheet
93Kb / 11P
   2% NEGATIVE VOLTAGE REGULATORS
L7900AC STMICROELECTRONICS-L7900AC Datasheet
352Kb / 13P
   2% NEGATIVE VOLTAGE REGULATORS
More results

同様の説明 - L796BSRC

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
TA40-11EWA KINGBRIGHT-TA40-11EWA Datasheet
231Kb / 6P
   The High Efficiency Red Source color Devices
KB-H100SRW KINGBRIGHT-KB-H100SRW Datasheet
69Kb / 3P
   The Super Bright Red source color devices
L1553HDT KINGBRIGHT-L1553HDT Datasheet
178Kb / 6P
   The Bright Red Source Color Devices are made with Gallium Phosphide Red Light Emitting Diode
WP710A10ID5V KINGBRIGHT-WP710A10ID5V Datasheet
309Kb / 7P
   The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
WP7113ID5V KINGBRIGHT-WP7113ID5V_13 Datasheet
312Kb / 7P
   The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
PSA08-11EWA KINGBRIGHT-PSA08-11EWA Datasheet
73Kb / 3P
   The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
logo
Micro Electronics
MSGB51TAP MICRO-ELECTRONICS-MSGB51TAP Datasheet
161Kb / 3P
   HIGH EFFICIENCY RED/GREEN DUAL COLOR LAMP
MSGB51T MICRO-ELECTRONICS-MSGB51T Datasheet
133Kb / 3P
   HIGH EFFICIENCY RED/GREEN BI-COLOR LAMP
logo
Kingbright Corporation
KPT-1608PBC KINGBRIGHT-KPT-1608PBC Datasheet
95Kb / 4P
   The Blue source Color Devices are made with InGaN on SiCLight Emitting Diode
L-814PWC KINGBRIGHT-L-814PWC Datasheet
80Kb / 3P
   The source color Devices are made with InGaN on SiC Light Emitting Diode
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com