データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1GU128NCFA-0QC00 データシート(PDF) 47 Page - Samsung semiconductor

部品番号 MC1GU128NCFA-0QC00
部品情報  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1GU128NCFA-0QC00 データシート(HTML) 47 Page - Samsung semiconductor

Back Button MC1GU128NCFA-0QC00 Datasheet HTML 43Page - Samsung semiconductor MC1GU128NCFA-0QC00 Datasheet HTML 44Page - Samsung semiconductor MC1GU128NCFA-0QC00 Datasheet HTML 45Page - Samsung semiconductor MC1GU128NCFA-0QC00 Datasheet HTML 46Page - Samsung semiconductor MC1GU128NCFA-0QC00 Datasheet HTML 47Page - Samsung semiconductor MC1GU128NCFA-0QC00 Datasheet HTML 48Page - Samsung semiconductor MC1GU128NCFA-0QC00 Datasheet HTML 49Page - Samsung semiconductor MC1GU128NCFA-0QC00 Datasheet HTML 50Page - Samsung semiconductor MC1GU128NCFA-0QC00 Datasheet HTML 51Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
MultiMediaCard
TM
47
check did not fail) or not.
In the case of transmission error the card sends a negative CRC status (“101” bin) which forces the host
to retransmit the data. In the case of non-erroneous transmission the card sends a positive CRC status
(“010” bin) and starts the data programming procedure.
Timing of The block Write Command
If the card does not have any more free data receive buffer, the card indicates it by pulling down the data
line to LOW. The card stops pulling down the data line as soon as at least one receive buffer for the
defined data transfer block length becomes free. This signaling does not give any information about the
data write status. This information has to be polled by the status polling command.
Erase block timing
The host must first tag the sector to erase. The tagged sector(s) are erased in parallel by using the
CMD35,36 CMD38. The card busy signaling is also used for the indication of the card erase procedure
duration. In this case the end of the card busy signaling also does mean that the erase of all tagged
sectors has been finished. The host can (also) request the card to send the actual card state using the
CMD13.


同様の部品番号 - MC1GU128NCFA-0QC00

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
MC1GH128DACA-2SA00 SAMSUNG-MC1GH128DACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
MC1GH128NACA-2SA00 SAMSUNG-MC1GH128NACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
MC1GH256DACA-2SA00 SAMSUNG-MC1GH256DACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
More results

同様の説明 - MC1GU128NCFA-0QC00

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com