データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUC16373 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUC16373
部品情報  16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC16373 データシート(HTML) 3 Page - Texas Instruments

  SN74AUC16373 Datasheet HTML 1Page - Texas Instruments SN74AUC16373 Datasheet HTML 2Page - Texas Instruments SN74AUC16373 Datasheet HTML 3Page - Texas Instruments SN74AUC16373 Datasheet HTML 4Page - Texas Instruments SN74AUC16373 Datasheet HTML 5Page - Texas Instruments SN74AUC16373 Datasheet HTML 6Page - Texas Instruments SN74AUC16373 Datasheet HTML 7Page - Texas Instruments SN74AUC16373 Datasheet HTML 8Page - Texas Instruments SN74AUC16373 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74AUC16373
16-BIT TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCES401C – JULY 2002 – REVISED JUNE 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
3.6
V
VI
Input voltage range(2)
–0.5
3.6
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
3.6
V
VO
Output voltage range(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±20
mA
Continuous current through VCC or GND
±100
mA
DGG package
70
θ
JA
Package thermal impedance(3)
DGV package
58
°C/W
GQL package
42
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
0.8
2.7
V
VCC = 0.8 V
VCC
VIH
High-level input voltage
VCC = 1.1 V to 1.95 V
0.65 × VCC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 0.8 V
0
VIL
Low-level input voltage
VCC = 1.1 V to 1.95 V
0.35 × VCC
V
VCC = 2.3 V to 2.7 V
0.7
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 0.8 V
–0.7
VCC = 1.1 V
–3
IOH
High-level output current
VCC = 1.4 V
–5
mA
VCC = 1.65 V
–8
VCC = 2.3 V
–9
VCC = 0.8 V
0.7
VCC = 1.1 V
3
IOL
Low-level output current
VCC = 1.4 V
5
mA
VCC = 1.65 V
8
VCC = 2.3 V
9
∆t/∆v
Input transition rise or fall rate
20
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3


同様の部品番号 - SN74AUC16373

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374 TI1-SN74AUC16374 Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374DGGR TI-SN74AUC16374DGGR Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374DGGR TI1-SN74AUC16374DGGR Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374DGVR TI-SN74AUC16374DGVR Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74AUC16373

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373 TI1-SN74LVC16373_14 Datasheet
487Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16373 PERICOM-PI74ALVCH16373 Datasheet
91Kb / 5P
   16-Bit Transparent D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162373 TI-SN74ALVCH162373 Datasheet
215Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com