データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMH4042ASBKN データシート(PDF) 4 Page - Summit Microelectronics, Inc.

部品番号 SMH4042ASBKN
部品情報  Distributed Power Hot-Swap Controller for CompactPCI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMMIT [Summit Microelectronics, Inc.]
ホームページ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4042ASBKN データシート(HTML) 4 Page - Summit Microelectronics, Inc.

  SMH4042ASBKN Datasheet HTML 1Page - Summit Microelectronics, Inc. SMH4042ASBKN Datasheet HTML 2Page - Summit Microelectronics, Inc. SMH4042ASBKN Datasheet HTML 3Page - Summit Microelectronics, Inc. SMH4042ASBKN Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4042ASBKN Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4042ASBKN Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4042ASBKN Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4042ASBKN Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4042ASBKN Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
SMH4042A
2070
9.1 5/27/03
SUMMIT MICROELECTRONICS, Inc.
GND (14)
Power supply return line. Ground should be applied at the
same time as early power.
BD_SEL1#, BD_SEL2# (13, 12)
These are active low TTL level inputs with internal pull-
ups to VCC. When pulled low they indicate full board
insertion. On the host side the signals should be directly
tied to ground. In a “High Availability” application these
inputs can be the last pins to mate with the backplane.
Alternatively, they can be actively driven by the host, or
be connected to switches interfaced to the board ejectors,
or any combination. Regardless, both inputs must be low
before the SMH4042A will begin to turn on the backend
voltage.
DRVREN# (2)
An open-drain, active-low output that indicates the status
of the 3 volt and 5 volt high side driver outputs (VGATE5
and VGATE3).
This signal may also be used as a
switching signal for the 12 volt supply.
FAULT# (4)
An open-drain, active-low output. It will be driven low
whenever an over-current condition is detected. It will be
reset at the same time that the VGATE outputs are turned
back on after a reset from the host on the PWR_EN signal.
HEALTHY# (15)
An open-drain, active-low output indicating card side
power inputs are above their reset trip levels.
LOCAL_PCI_RST# (9)
An open-drain active-low output. It is used to reset the
backend circuitry on the add-in card. It is active whenever
the card-side monitor inputs are below their respective
VTRIP levels. It may also be driven low by a low input on
the PCI_RST# pin.
LOCAL_PCI_RST (20)
An open-drain (PFET) active-high output. It operates in
parallel with LOCAL_PCI_RST#, providing an active high
reset signal which is required by many 8051 style MCUs.
It is active whenever the card-side monitor inputs are
below their respective VTRIP levels. It may also be driven
active by a low input on the PCI_RST# pin.
SGNL_VLD# (16)
An open-drain, active-low output that indicates card side
power is valid and the internal card side PCI_RST# timer
has timed out.
VGATE3 (22)
A slew rate limited high side driver output for the 3.3V
external power FET gate. The output-voltage is generated
by an on-board charge pump.
VGATE5 (27)
A slew rate limited high side driver output for the 5V
external power FET gate. The output voltage is generated
by an on-board charge pump.
1VREF (5)
This output provides a 1V reference for pre-charging the
bus signal pins. Implementing a simple unity-gain ampli-
fier circuit will allow pre-charging a large number of pins.
ABSOLUTE MAXIMUM RATINGS*
RECOMMENDED OPERATING CONDITIONS
*
Temperature Under Bias ......................... –55°C to 125°C
Storage Temperature .............................. –65°C to 150°C
Lead Solder Temperature (10 secs) ..................... 300 °C
Terminal Voltage with Respect to GND:
CARD_3V_MON, CARD_5V_MON,
HST_3V_MON, SGNL_VLD#, HEALTHY#,
LOCAL_PCI_RET#, VCC ........................................ 7V
VGATE3, VGATE5, DRVREN# .................. 16V
RESET ............................................ VCC + 0.7V
All Others ........................................ VCC + 0.7V
Junction Temperature..........................................150°C
ESD Rating per JEDEC……………………………..2000V
Latch-Up testing per JEDEC………………......+/- 100mA
Temperature Range (Industrial)...……....-40° C to +85°C
(Commercial)...……....-5° C to +70°C
Supply Voltage………………….....….………2.7V to 5.5V
Package Thermal Resistance (
θ JA)
28 Lead SOIC/SSOP...…………………………80oC/W
Moisture Classification Level 1 (MSL 1) per J-STD- 020
RELIABILITY CHARACTERISTICS
Data Retention……………………………..…..100 Years
Endurance……………………….……….100,000 Cycles
Note * - The device is not guaranteed to function outside its operating
rating. Stresses listed under Absolute Maximum Ratings may cause
permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions
outside those listed in the operational sections of this specification is
not implied. Exposure to any absolute maximum rating for extended
periods may affect device performance and reliability.


同様の部品番号 - SMH4042ASBKN

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGM SUMMIT-SMH4042G-AGM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGN SUMMIT-SMH4042G-AGN Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHM SUMMIT-SMH4042G-AHM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHN SUMMIT-SMH4042G-AHN Datasheet
225Kb / 28P
   Hot Swap??Controller
More results

同様の説明 - SMH4042ASBKN

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
logo
Linear Technology
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1644 LINER-LTC1644 Datasheet
452Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28