データシートサーチシステム |
|
TMP320C6211GDP167 データシート(PDF) 9 Page - Texas Instruments |
|
TMP320C6211GDP167 データシート(HTML) 9 Page - Texas Instruments |
9 / 83 page TMS320C6211, TMS320C6211B FIXED-POINT DIGITAL SIGNAL PROCESSORS SPRS073K − AUGUST 1998 − REVISED MARCH 2004 9 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 memory map summary Table 2 shows the memory map address ranges of the C6211/C6211B devices. Internal memory is always located at address 0 and can be used as both program and data memory. The C6211/C6211B configuration registers for the common peripherals are located at the same hex address ranges. The external memory address ranges in the C6211/C6211B devices begin at the address location 0x8000 0000. Table 2. TMS320C6211/C6211B Memory Map Summary MEMORY BLOCK DESCRIPTION BLOCK SIZE (BYTES) HEX ADDRESS RANGE Internal RAM (L2) 64K 0000 0000 – 0000 FFFF Reserved 24M – 64K 0001 0000 – 017F FFFF External Memory Interface (EMIF) Registers 256K 0180 0000 – 0183 FFFF L2 Registers 256K 0184 0000 – 0187 FFFF HPI Registers 256K 0188 0000 – 018B FFFF McBSP 0 Registers 256K 018C 0000 – 018F FFFF McBSP 1 Registers 256K 0190 0000 – 0193 FFFF Timer 0 Registers 256K 0194 0000 – 0197 FFFF Timer 1 Registers 256K 0198 0000 – 019B FFFF Interrupt Selector Registers 256K 019C 0000 – 019F FFFF EDMA RAM and EDMA Registers 256K 01A0 0000 – 01A3 FFFF Reserved 6M – 256K 01A4 0000 – 01FF FFFF QDMA Registers 52 0200 0000 – 0200 0033 Reserved 736M – 52 0200 0034 – 2FFF FFFF McBSP 0/1 Data 256M 3000 0000 – 3FFF FFFF Reserved 1G 4000 0000 – 7FFF FFFF EMIF CE0† 256M 8000 0000 – 8FFF FFFF EMIF CE1† 256M 9000 0000 – 9FFF FFFF EMIF CE2† 256M A000 0000 – AFFF FFFF EMIF CE3† 256M B000 0000 – BFFF FFFF Reserved 1G C000 0000 – FFFF FFFF † The number of EMIF address pins (EA[21:2]) limits the maximum addressable memory (SDRAM) to 128MB per CE space. To get 256MB of addressable memory, additional general-purpose output pin or external logic is required. |
同様の部品番号 - TMP320C6211GDP167 |
|
同様の説明 - TMP320C6211GDP167 |