データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-6620 データシート(PDF) 8 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-6620
部品情報  Subminiature LED Lamps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-6620 データシート(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HLMP-6620 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-6620 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-6620 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-6620 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-6620 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-6620 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-6620 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-6620 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-6620 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Orange
Device
HLMP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
P402-F00xx
1.0
4.0
P405-F00xx
1.0
6
P405-JK000
Luminous Intensity
IV
4.0
12.5
mcd
IF = 10 mA
Q400-F00xx
1.0
8
Q405-H00xx
2.5
14
All
Forward Voltage
VF
1.5
1.9
3.0
V
IF = 10 mA
Reverse Breakdown Voltage
VR
5.0
30.0
V
IR = 100 µA
P40x
Included Angle Between
2q1/2
125
Deg.
Q40x
Half Intensity Points[2]
90
Peak Wavelength
lPEAK
600
nm
Dominant Wavelength[3]
ld
602
nm
Measured at Peak
Spectral Line Half Width
Dl1/2
40
nm
All
Speed of Response
ts
260
ns
Capacitance
C
4
pF
VF = 0; f = 1 MHz
Thermal Resistance
RqJ-PIN
170
°C/W
Junction-to-Cathode Lead
Luminous Efficacy[4]
hv
380
lm/W


同様の部品番号 - HLMP-6620

メーカー部品番号データシート部品情報
logo
QT Optoelectronics
HLMP-6620 QT-HLMP-6620 Datasheet
211Kb / 2P
   subminiature t-3/4 5-volt resistor lamps
logo
Broadcom Corporation.
HLMP-6620 BOARDCOM-HLMP-6620 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6620-F001S AVAGO-HLMP-6620-F001S Datasheet
240Kb / 16P
   Subminiature LED Lamps
More results

同様の説明 - HLMP-6620

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Q105-P0031 AVAGO-HLMP-Q105-P0031 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6400-F0011 AVAGO-HLMP-6400-F0011 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-7019 AVAGO-HLMP-7019 Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-PXXX BOARDCOM-HLMP-PXXX Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6820-F0010 AVAGO-HLMP-6820-F0010 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6620-F001S AVAGO-HLMP-6620-F001S Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-P106 BOARDCOM-HLMP-P106 Datasheet
668Kb / 11P
   Subminiature High-Performance Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QL00 AVAGO-HLMT-QL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com