データシートサーチシステム |
|
HLMP-6800 データシート(PDF) 10 Page - Agilent(Hewlett-Packard) |
|
HLMP-6800 データシート(HTML) 10 Page - Agilent(Hewlett-Packard) |
10 / 16 page 10 High Performance Green Device HLMP- Parameter Symbol Min. Typ. Max. Units Test Conditions P502-F00xx 1.0 3.0 P505-G00xx 1.6 6.3 IF = 10 mA 6500-F00xx 1.0 7.0 6505-L00xx Luminous Intensity[1] Iv 10.0 40.0 mcd 7040-D00xx 0.4 0.6 IF = 2 mA 6800-G00xx 1.6 5.0 VF = 5.0 Volts 6820-F00xx 1.0 2.0 All Forward Voltage VF 2.1 2.7 V IF = 10 mA (Nonresistor Lamps) 6800 Forward Current IF 9.6 13.0 mA VF = 5.0 V 6820 (Resistor Lamps) 3.5 5.0 All Reverse Breakdown Voltage VR 5.0 50.0 V IR = 100 µA P505 Included Angle Between 125 6505 Half Intensity Points[2] 2q1/2 28 Deg. All Diffused 90 Peak Wavelength lPEAK 565 nm Dominant Wavelength[3] ld 569 nm Spectral Line Half Width Dl1/2 28 nm All Speed of Response ts 500 ns Capacitance C 18 pF VF = 0; f = 1 MHz Thermal Resistance RqJ-PIN 170 °C/W Junction-to-Cathode Lead Luminous Efficacy[4] hv 595 lm/W Notes: 1. The luminous intensity for arrays is tested to assure a 2.1 to 1.0 matching between elements. The average luminous intensity for an array determines its light output category bin. Arrays are binned for luminous intensity to allow Iv matching between arrays. 2. q1/2 is the off-axis angle where the luminous intensity is half the on-axis value. 3. Dominant wavelength, ld, is derived from the CIE Chromaticity Diagram and represents the single wavelength that defines the color of the device. 4. Radiant intensity, Ie, in watts/steradian, may be calculated from the equation Ie = Iv/hv, where Iv is the luminous intensity in candelas and hv is the luminous efficacy in lumens/watt. |
同様の部品番号 - HLMP-6800 |
|
同様の説明 - HLMP-6800 |