データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320C6202BGHK167 データシート(PDF) 10 Page - Texas Instruments

部品番号 SM320C6202BGHK167
部品情報  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SM320C6202BGHK167 データシート(HTML) 10 Page - Texas Instruments

Back Button SM320C6202BGHK167 Datasheet HTML 6Page - Texas Instruments SM320C6202BGHK167 Datasheet HTML 7Page - Texas Instruments SM320C6202BGHK167 Datasheet HTML 8Page - Texas Instruments SM320C6202BGHK167 Datasheet HTML 9Page - Texas Instruments SM320C6202BGHK167 Datasheet HTML 10Page - Texas Instruments SM320C6202BGHK167 Datasheet HTML 11Page - Texas Instruments SM320C6202BGHK167 Datasheet HTML 12Page - Texas Instruments SM320C6202BGHK167 Datasheet HTML 13Page - Texas Instruments SM320C6202BGHK167 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
TMS320C6211, TMS320C6211B
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS073K − AUGUST 1998 − REVISED MARCH 2004
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
peripheral register descriptions
Table 3 through Table 13 identify the peripheral registers for the C6211/C6211B device by their register names,
acronyms, and hex address or hex address range. For more detailed information on the register contents, bit
names, and their descriptions, see the TMS320C6000 DSP Peripherals Overview Reference Guide (literature
number SPRU190).
Table 3. EMIF Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0180 0000
GBLCTL
EMIF global control
0180 0004
CECTL1
EMIF CE1 space control
0180 0008
CECTL0
EMIF CE0 space control
0180 000C
Reserved
0180 0010
CECTL2
EMIF CE2 space control
0180 0014
CECTL3
EMIF CE3 space control
0180 0018
SDCTL
EMIF SDRAM control
0180 001C
SDTIM
EMIF SDRAM refresh control
0180 0020
SDEXT
EMIF SDRAM extension
0180 0024 − 0183 FFFF
Reserved
Table 4. L2 Cache Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0184 0000
CCFG
Cache configuration register
0184 4000
L2FBAR
L2 flush base address register
0184 4004
L2FWC
L2 flush word count register
0184 4010
L2CBAR
L2 clean base address register
0184 4014
L2CWC
L2 clean word count register
0184 4020
L1PFBAR
L1P flush base address register
0184 4024
L1PFWC
L1P flush word count register
0184 4030
L1DFBAR
L1D flush base address register
0184 4034
L1DFWC
L1D flush word count register
0184 5000
L2FLUSH
L2 flush register
0184 5004
L2CLEAN
L2 clean register
0184 8200
MAR0
Controls CE0 range 8000 0000 − 80FF FFFF
0184 8204
MAR1
Controls CE0 range 8100 0000 − 81FF FFFF
0184 8208
MAR2
Controls CE0 range 8200 0000 − 82FF FFFF
0184 820C
MAR3
Controls CE0 range 8300 0000 − 83FF FFFF
0184 8240
MAR4
Controls CE1 range 9000 0000 − 90FF FFFF
0184 8244
MAR5
Controls CE1 range 9100 0000 − 91FF FFFF
0184 8248
MAR6
Controls CE1 range 9200 0000 − 92FF FFFF
0184 824C
MAR7
Controls CE1 range 9300 0000 − 93FF FFFF
0184 8280
MAR8
Controls CE2 range A000 0000 − A0FF FFFF
0184 8284
MAR9
Controls CE2 range A100 0000 − A1FF FFFF
0184 8288
MAR10
Controls CE2 range A200 0000 − A2FF FFFF
0184 828C
MAR11
Controls CE2 range A300 0000 − A3FF FFFF
0184 82C0
MAR12
Controls CE3 range B000 0000 − B0FF FFFF
0184 82C4
MAR13
Controls CE3 range B100 0000 − B1FF FFFF
0184 82C8
MAR14
Controls CE3 range B200 0000 − B2FF FFFF
0184 82CC
MAR15
Controls CE3 range B300 0000 − B3FF FFFF
0184 82D0 − 0187 FFFF
Reserved


同様の部品番号 - SM320C6202BGHK167

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320C6202-EP TI1-SM320C6202-EP Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6202GJLA20EP TI1-SM320C6202GJLA20EP Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

同様の説明 - SM320C6202BGHK167

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com