データシートサーチシステム |
|
AD840JN データシート(PDF) 7 Page - Analog Devices |
|
AD840JN データシート(HTML) 7 Page - Analog Devices |
7 / 8 page Applying the AD840 REV. C –7– Figure 24 shows the “long-term” stability of the settling charac- teristics of the AD840 output after a 10 V step. There is no evi- dence of settling tails after the initial transient recovery time. The use of a junction isolated process, together with careful lay- out, avoids these problems by minimizing the effects of transis- tor isolation capacitance discharge and thermally induced shifts in circuit operating points. These problems do not occur even under high output current conditions. Figure 24. AD840 Settling Demonstrating No Settling Tails GROUNDING AND BYPASSING In designing practical circuits with the AD840, the user must re- member that whenever high frequencies are involved, some spe- cial precautions are in order. Circuits must be built with short interconnect leads. Large ground planes should be used when- ever possible to provide a low resistance, low inductance circuit path, as well as minimizing the effects of high frequency cou- pling. Sockets should be avoided, because the increased inter-lead capacitance can degrade bandwidth. Feedback resistors should be of low enough value to assure that the time constant formed with the circuit capacitances will not limit the amplifier performance. Resistor values of less than 5 k Ω are recommended. If a larger resistor must be used, a small ( ±10 pF) feedback capacitor in connected parallel with the feed- back resistor, RF, may be used to compensate for these stray ca- pacitances and optimize the dynamic performance of the amplifier in the particular application. Power supply leads should be bypassed to ground as close as possible to the amplifier pins. A 2.2 µF capacitor in parallel with a 0.1 µF ceramic disk capacitor is recommended. CAPACITIVE LOAD DRIVING ABILITY Like all wideband amplifiers, the AD840 is sensitive to capaci- tive loading. The AD840 is designed to drive capacitive loads of up to 20 pF without degradation of its rated performance. Capacitive loads of greater than 20 pF will decrease the dynamic performance of the part although instability should not occur unless the load exceeds 100 pF. A resistor in series with the out- put can be used to decouple larger capacitive loads. USING A HEAT SINK The AD840 draws less quiescent power than most high speed amplifiers and is specified for operation without a heat sink. However, when driving low impedance loads the current to the load can be 4 to 5 times the quiescent current. This will create a noticeable temperature rise. Improved performance can be achieved by using a small heat sink such as the Aavid Engineer- ing #602B. AD840 SETTLING TIME Figures 22 and 24 show the settling performance of the AD840 in the test circuit shown in Figure 23. Settling time is defined as: The interval of time from the application of an ideal step function input until the closed-loop amplifier output has entered and remains within a specified error band. This definition encompasses the major components which com- prise settling time. They include (1) propagation delay through the amplifier; (2) slewing time to approach the final output value; (3) the time of recovery from the overload associated with slewing; and (4) linear settling to within the specified error band. Expressed in these terms, the measurement of settling time is obviously a challenge and needs to be done accurately to assure the user that the amplifier is worth consideration for the application. Figure 22. AD840 0.01% Settling Time TEK 7A13 TEK 7A18 TEK 7603 OSCILLOSCOPE ERROR AMP (x11) DDD5109 FLAT-TOP PULSE GENERATOR 5 4 11 10 6 2.2µF 0.1µF +15V FET PROBE TEK P6201 499 4.99k 50 AD840 4.99k 0.1µF 2.2µF 499 499 -15V HP6263 499 Ω Ω Ω Ω Ω Ω Ω Figure 23. Settling Time Test Circuit Figure 23 shows how measurement of the AD840’s 0.01% set- tling in 100 ns was accomplished by amplifying the error signal from a false summing junction with a very high speed propri- etary hybrid error amplifier specially designed to enable testing of small settling errors. The device under test was driving a 420 Ω load. The input to the error amp is clamped in order to avoid possible problems associated with the overdrive recovery of the oscilloscope input amplifier. The error amp amplifies the error from the false summing junction by 11, and it contains a gain vernier to fine trim the gain. |
同様の部品番号 - AD840JN |
|
同様の説明 - AD840JN |