データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3A5017PW データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3A5017PW
部品情報  14-OHM DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3A5017PW データシート(HTML) 3 Page - Texas Instruments

  TS3A5017PW Datasheet HTML 1Page - Texas Instruments TS3A5017PW Datasheet HTML 2Page - Texas Instruments TS3A5017PW Datasheet HTML 3Page - Texas Instruments TS3A5017PW Datasheet HTML 4Page - Texas Instruments TS3A5017PW Datasheet HTML 5Page - Texas Instruments TS3A5017PW Datasheet HTML 6Page - Texas Instruments TS3A5017PW Datasheet HTML 7Page - Texas Instruments TS3A5017PW Datasheet HTML 8Page - Texas Instruments TS3A5017PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TS3A5017
14 W DUAL SP4T ANALOG SWITCH
3.3V/2.5V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SCDS188 – JANUARY 2005
www.ti.com
3
Electrical Characteristics for 3.3-V Supply(1)
V+ = 3 V to 3.6 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
range
VD, VS
0
V+
V
ON-state
ron
0
≤ VS ≤ V+,
Switch ON,
25
°C
3 V
11
12
ON-state
resistance
ron
0
≤ VS ≤ V+,
ID = −32 mA,
Switch ON,
See Figure 13
Full
3 V
14
ON-state
resistance match
∆ron
VS = 2.1 V,
Switch ON,
25
°C
3 V
1
2
resistance match
between
channels
∆ron
VS = 2.1 V,
ID = −32 mA,
Switch ON,
See Figure 13
Full
3 V
3
ON-state
resistance
ron(flat)
0
≤ VS ≤ V+,
Switch ON,
25
°C
3 V
7
9
resistance
flatness
ron(flat)
0
≤ VS ≤ V+,
ID = −32 mA,
Switch ON,
See Figure 13
Full
3 V
10
S
IS(OFF)
VS = 1 V, VD = 3 V,
or
Switch OFF,
25
°C
3.6 V
−0.1
0.05
0.1
S
OFF leakage
IS(OFF)
SD
or
VS = 3 V, VD = 1 V,
Switch OFF,
See Figure 14
Full
3.6 V
−0.2
0.2
µA
OFF leakage
current
ISPWR(OFF)
VS = 0 to 3.6 V,
Switch OFF,
25
°C
0 V
−1
0.5
1
µA
current
ISPWR(OFF)
VS = 0 to 3.6 V,
VD = 3.6 V to 0,
Switch OFF,
See Figure 14
Full
0 V
−5
5
D
ID(OFF)
VD = 1 V, VS = 3 V,
or
Switch OFF,
25
°C
3.6 V
−0.1
0.05
0.1
D
OFF leakage
ID(OFF)
DS
or
VD = 3 V, VS = 3 V,
Switch OFF,
See Figure 14
Full
3.6 V
−0.2
0.2
µA
OFF leakage
current
IDPWR(OFF)
VD = 0 to 3.6 V,
Switch OFF,
25
°C
0 V
−1
0.5
1
µA
current
IDPWR(OFF)
VD = 0 to 3.6 V,
VS = 3.6 V to 0,
Switch OFF,
See Figure 14
Full
0 V
−5
5
S
ON leakage
IS(ON)
VS = 1 V, VD = Open,
or
Switch ON,
25
°C
3.6 V
−0.1
0.05
0.1
A
ON leakage
current
IS(ON)
SD
or
VS = 3 V, VD = Open,
Switch ON,
See Figure 15
Full
3.6 V
−0.2
0.2
µA
D
ON leakage
ID(ON)
VD = 1 V, VS = Open,
or
Switch ON,
25
°C
3.6 V
−0.1
0.05
0.1
A
ON leakage
current
ID(ON)
DS
or
VD = 3 V, VS = Open,
Switch ON,
See Figure 15
Full
3.6 V
−0.2
0.2
µA
Digital Control Inputs (IN1, IN2, EN)(2)
Input logic high
VIH
Full
2
5.5
V
Input logic low
VIL
Full
0
0.8
V
Input leakage
IIH, IIL
VI = 5.5 V or 0
25
°C
3.6 V
−1
0.05
1
A
Input leakage
current
IIH, IIL
VI = 5.5 V or 0
Full
3.6 V
−1
1
µA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications
of Slow or Floating CMOS Inputs, literature number SCBA004.


同様の部品番号 - TS3A5017PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A5017PW TI-TS3A5017PW Datasheet
1Mb / 30P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017PW TI1-TS3A5017PW Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017PWE4 TI-TS3A5017PWE4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017PWE4 TI1-TS3A5017PWE4 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017PWG4 TI-TS3A5017PWG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

同様の説明 - TS3A5017PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A5017 TI-TS3A5017_10 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI1-TS3A5017_14 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5017 Dual SP4T Analog Switch / Multiplexer / Demultiplexer
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI-TS5A23160 Datasheet
276Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A Datasheet
514Kb / 30P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI-TS5A3160 Datasheet
395Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624 Datasheet
329Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com