データシートサーチシステム |
|
AD74111YRU データシート(PDF) 5 Page - Analog Devices |
|
AD74111YRU データシート(HTML) 5 Page - Analog Devices |
5 / 20 page REV. 0 AD74111 –5– CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD74111 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. ABSOLUTE MAXIMUM RATINGS * (TA = 25 °C, unless otherwise noted.) AVDD, DVDD2 to AGND, DGND . . . . . . . –0.3 V to +3.0 V DVDD1 to AGND, DGND . . . . . . . . . . . . . –0.3 V to +4.5 V AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V Digital I/O Voltage to DGND . . . . . . –0.3 V to DVDD1 + 0.3 V Operating Temperature Range Automotive (Y Version) . . . . . . . . . . . . . . –40 °C to +105°C Storage Temperature Range . . . . . . . . . . . . . –65 °C to +150°C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150 °C 16-Lead TSSOP, θ JA Thermal Impedance . . . . . . . . 150.4 °C/W Lead Temperature, Soldering Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215 °C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220 °C *Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. TEMPERATURE RANGE Parameter Min Max Unit Specifications Guaranteed –40 +105 ºC Storage –65 +150 ºC ORDERING GUIDE Model Range Package AD74111YRU –40ºC to +105ºC RU-16 |
同様の部品番号 - AD74111YRU |
|
同様の説明 - AD74111YRU |