データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N054-024 データシート(PDF) 1 Page - Tripp Lite. All Rights Reserved

部品番号 N054-024
部品情報  24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet, TAA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N054-024 データシート(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N054-024 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N054-024 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
24-Port 1U Rack-Mount Cat5e Feedthrough Patch
Panel, RJ45 Ethernet, TAA
MODEL NUMBER: N054-024
Description
Tripp Lite's 24-Port Cat5e Feed-Through patch panel provides patching without punching down bulk wire
to the back of the panel. Fully meets or exceeds Cat5e specifications - works with USOC, T568A, and
T568B wiring. 19" width mounts easily in 2-Post Relay Rack, or a Wall-Mount Hinged Rack. Detachable
cable management bar keeps patch cables neat and tidy on the back of the panel.
Features
Heavy duty 14ga steel construction
q
Meets or exceeds Cat5e specifications
q
Easy patching with Cat5e patch cables
q
Includes cable management bar
q
Rackmountable - 19"W x 1.75"H (1U)
q
Highlights
Cat5e RJ45 Jacks on both sides
of the panel
q
Installs easily in 19" racks or
wall-mounts
q
Cable management bar keeps
patch cables tidy
q
Compliant with the Federal
Trade Agreements Act (TAA) for
GSA Schedule purchases
q
Package Includes
24-Port Cat5e Feed-Through 1U
Patch Panel
q
Detachable Cable Management
Bracket
q
Package of 24 4" Wire Ties
q
OVERVIEW
UPC Code
037332125460
PHYSICAL
Shipping Dimensions (hwd / in.)
2.75 x 19.70 x 4.60
Shipping Dimensions (hwd / cm)
6.98 x 50.04 x 11.68
Shipping Weight (lbs.)
1.80
Shipping Weight (kg)
0.82
1 / 2


同様の部品番号 - N054-024

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
N054024 TRIPPLITE-N054024 Datasheet
477Kb / 2P
   24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet
More results

同様の説明 - N054-024

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
N054024 TRIPPLITE-N054024 Datasheet
477Kb / 2P
   24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet
N254-024 TRIPPLITE-N254-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough Patch Panel, RJ45 Ethernet, TAA
N052-024 TRIPPLITE-N052-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N254-024-SH-6A TRIPPLITE-N254-024-SH-6A Datasheet
160Kb / 2P
   24-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel, RJ45 Ethernet, TAA
N254-024-6A TRIPPLITE-N254-024-6A Datasheet
160Kb / 2P
   24-Port 1U Rack-Mount Cat6a Feedthrough Patch Panel, RJ45 Ethernet
N254024 TRIPPLITE-N254024 Datasheet
477Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough Patch Panel, RJ45 Ethernet
N052-012 TRIPPLITE-N052-012 Datasheet
154Kb / 2P
   12-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N254-048-SH-6A TRIPPLITE-N254-048-SH-6A Datasheet
161Kb / 2P
   48-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel, RJ45 Ethernet, TAA
N052024 TRIPPLITE-N052024 Datasheet
478Kb / 2P
   24-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
N052-P24 TRIPPLITE-N052-P24 Datasheet
157Kb / 2P
   Cat5e 24-Port Patch Panel - PoE Compliant, 110/Krone, 568A/B, RJ45 Ethernet, 1U Rack-Mount, TAA
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com