データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-5701-600 データシート(PDF) 9 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-5701-600
部品情報  Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5701-600 データシート(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5701-600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5701-600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5701-600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5701-600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5701-600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5701-600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5701-600 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5701-600 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-5701-600 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Notes:
1. GND Pin should be the most negative
voltage at the detector side. Keeping
VCC as low as possible, but greater
than 2.0 V, will provide lowest total
IOH over temperature.
2. Output power is collector output
power plus total supply power for the
single channel device. For the dual
channel device, output power is
collector output power plus one half
the total supply power. For the quad
channel device, output power is
collector output power plus one
fourth of total supply power. Derate
at 1.66 mW/
°C above 110°C.
3. Derate IF at 0.33 mA/°C above 110°C.
4. Each channel.
5. CURRENT TRANSFER RATIO is
defined as the ratio of output
collector current, IO, to the forward
LED input current, IF, times 100%.
6. IOHX is the leakage current resulting
from channel to channel optical
crosstalk. IF =2 µA for channel under
test. For all other channels,
IF = 10 mA.
7. All devices are considered two-
terminal devices; measured between
all input leads or terminals shorted
together and all output leads or
terminals shorted together.
8. Measured between each input pair
shorted together and all output
connections for that channel shorted
together.
9. Measured between adjacent input
pairs shorted together for each multi-
channel device.
10. CML is the maximum rate of rise of
the common mode voltage that can be
sustained with the output voltage in
the logic low state (VO < 0.8 V). CMH
is the maximum rate of fall of the
common mode voltage that can be
sustained with the output voltage in
the logic high state (VO > 2.0 V).
11. In applications where dV/dt may
exceed 50,000 V/
µs (such as a static
discharge) a series resistor, RCC,
should be included to protect the
detector ICs from destructively high
surge currents. The recommended
value is:
1 (V)
RCC = ——––––––– kΩ
0.15 IF (mA)
for single channel;
1 (V)
RCC = ——––––––– kΩ
0.3 IF (mA)
for dual channel;
1 (V)
RCC = —–––––—–– kΩ
0.6 IF (mA)
for quad channel.
12. This is a momentary withstand test,
not an operating condition.
13. Standard parts receive 100% testing
at 25
°C (Subgroups 1 and 9). SMD
and 883B parts receive 100% testing
at 25,125, and -55
°C (Subgroups 1
and 9, 2 and 10, 3 and 11,
respectively).
14. Parameters tested as part of device
initial characterization and after
design and process changes.
Parameters guaranteed to limits
specified for all lots not specifically
tested.
15. The HCPL-6730, HCPL-6731, and
HCPL-673K dual channel parts
function as two independent single
channel units. Use the single channel
parameter limits.
16. Not required for 6N140A, 6N140A/
883B, HCPL-177K, HCPL-6750/51/
5K, 8302401, and 5962-9800201
types.
17. Required for 6N140A, 6N140A/883B,
HCPL-177K, HCPL-6750/51/5K,
8302401, and 5962-9800201 types.


同様の部品番号 - HCPL-5701-600

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5701 AVAGO-HCPL-5701 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
More results

同様の説明 - HCPL-5701-600

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com