データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4300DY データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI4300DY
部品情報  N-Channel 30-V (D-S), Reduced Qg Fast Switching MOSFET with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4300DY データシート(HTML) 1 Page - Vishay Siliconix

  SI4300DY Datasheet HTML 1Page - Vishay Siliconix SI4300DY Datasheet HTML 2Page - Vishay Siliconix SI4300DY Datasheet HTML 3Page - Vishay Siliconix SI4300DY Datasheet HTML 4Page - Vishay Siliconix SI4300DY Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
D LITTLE FOOT Plust Integrated Schottky
D PWM Optimized
APPLICATIONS
D Low Power Sychronous Rectification
Si4300DY
Vishay Siliconix
Document Number: 71772
S-03951—Rev. B, 26-May-03
www.vishay.com
2-1
N-Channel 30-V (D-S), Reduced Qg
Fast Switching MOSFET with Schottky Diode
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
30
0.0185 @ VGS = 10 V
9
30
0.033 @ VGS = 4.5 V
7
SCHOTTKY PRODUCT SUMMARY
VDS (V)
VSD (v)
Diode Forward Voltage
IF (A)
30
0.5 V @ 1 A
2.0
S/A
D/K
S/A
D/K
S/A
D/K
G
D/K
SO-8
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
K
G
S
Schottky Diode
A
D
Ordering Information: Si4300DY
Si4300DY-T1 (with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage (MOSFET)
VDS
30
Reverse Voltage (Schottky)
VDA
30
V
Gate-Source Voltage
VGS
"20
Continuous Drain Current (TJ = 150_C)
TA = 25_C
ID
9
6.4
Continuous Drain Current (TJ = 150 C)
(MOSFET)a
TA = 70_C
ID
7
5.1
Pulsed Drain Current (MOSFET)
IDM
40
A
Continuous Source Current (MOSFET Diode Conduction)a
IS
2.3
1.25
A
Average Foward Current (Schottky)
IF
2.3
1.25
Pulsed Foward Current (Schottky)
IFM
20
Maximum Power Dissipation (MOSFET)a
TA = 25_C
2.5
1.38
Maximum Power Dissipation (MOSFET)a
TA = 70_C
PD
1.6
0.88
W
Maximum Power Dissipation (Schottky)a
TA = 25_C
PD
2.2
1.25
W
Maximum Power Dissipation (Schottky)a
TA = 70_C
1.4
0.80
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
_C
THERMAL RESISTANCE RATINGS
MOSFET
Schottky
Parameter
Symbol
Typ
Max
Typ
Max
Unit
Mi
J
ti
t A bi
ta
t
v 10 sec
R
40
50
45
55
Maximum Junction-to-Ambienta
Steady-State
RthJA
70
90
78
100
_C/W
Maximum Junction-to-Foot (Drain)
Steady-State
RthJF
18
23
25
30
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


同様の部品番号 - SI4300DY

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
SI4300DY-T1-E3 VBSEMI-SI4300DY-T1-E3 Datasheet
963Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

同様の説明 - SI4300DY

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
KI4300DY KEXIN-KI4300DY Datasheet
56Kb / 2P
   N-Channel 30-V (D-S), Reduced Qg Fast Switching MOSFET with Schottky Diode
logo
Vishay Siliconix
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI4872DY VISHAY-SI4872DY Datasheet
57Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. A, 17-Jul-00
SI4850EY VISHAY-SI4850EY Datasheet
61Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 29-Mar-04
SI6802DQ VISHAY-SI6802DQ Datasheet
59Kb / 4P
   N-Channel, Reduced Qg, Fast Switching MOSFET
Rev. C, 18-Dec-96
logo
DinTek Semiconductor Co...
DTB6035 DINTEK-DTB6035 Datasheet
235Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
logo
Vishay Siliconix
SI4800BDY VISHAY-SI4800BDY Datasheet
252Kb / 9P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI4398DY VISHAY-SI4398DY Datasheet
104Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 14-Feb-11
SI4800BDY VISHAY-SI4800BDY_17 Datasheet
185Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI7384DP VISHAY-SI7384DP Datasheet
96Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 03-Mar-08
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com