データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N254-024-SH-6AD データシート(PDF) 3 Page - Tripp Lite. All Rights Reserved

部品番号 N254-024-SH-6AD
部品情報  24-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel with 90-Degree Down-Angled Ports, RJ45 Ethernet, TAA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N254-024-SH-6AD データシート(HTML) 3 Page - Tripp Lite. All Rights Reserved

  N254-024-SH-6AD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N254-024-SH-6AD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved N254-024-SH-6AD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Product Warranty Period
(Worldwide)
Lifetime limited warranty
Warranty Details
LIFETIME LIMITED WARRANTY
3 / 3


同様の部品番号 - N254-024-SH-6AD

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
N254-024-SH-6A TRIPPLITE-N254-024-SH-6A Datasheet
160Kb / 2P
   24-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel, RJ45 Ethernet, TAA
More results

同様の説明 - N254-024-SH-6AD

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
N254-024-6AD TRIPPLITE-N254-024-6AD Datasheet
166Kb / 2P
   24-Port 1U Rack-Mount Cat6a Feedthrough Patch Panel with 90-Degree Down-Angled Ports, RJ45 Ethernet, TAA
N254-024-SH-6A TRIPPLITE-N254-024-SH-6A Datasheet
160Kb / 2P
   24-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel, RJ45 Ethernet, TAA
N254-048-SH-6A TRIPPLITE-N254-048-SH-6A Datasheet
161Kb / 2P
   48-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel, RJ45 Ethernet, TAA
N254-024-SH-D TRIPPLITE-N254-024-SH-D Datasheet
484Kb / 2P
   24-Port 1U Rack-Mount STP Shielded Cat5e/6 Feedthrough Patch Panel w/90-Degree Down-Angle Ports, RJ45 Ethernet
N254-024-6A TRIPPLITE-N254-024-6A Datasheet
160Kb / 2P
   24-Port 1U Rack-Mount Cat6a Feedthrough Patch Panel, RJ45 Ethernet
N254024SH TRIPPLITE-N254024SH Datasheet
476Kb / 2P
   24-Port 1U Rack-Mount STP Shielded Cat6 /Cat5 Feedthrough Patch Panel, RJ45 Ethernet
N054-024 TRIPPLITE-N054-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet, TAA
N254-024 TRIPPLITE-N254-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough Patch Panel, RJ45 Ethernet, TAA
N252-024-6A-SH TRIPPLITE-N252-024-6A-SH Datasheet
161Kb / 3P
   24-Port Cat6a Shielded Patch Panel - 10 Gbps, STP, 110 Punch Down, RJ45, 1U, TAA
N054024 TRIPPLITE-N054024 Datasheet
477Kb / 2P
   24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com