データシートサーチシステム |
|
1N6296 データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
1N6296 データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 3 page - 576 - - 576 - 1.5KE SERIES Transient Voltage Suppressor Diodes Voltage Range 6.8 to 440 Volts 1500 Watts Peak Power 5.0 Watts Steady State Features UL Recognized File # E-96005 Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Exceeds environmental standards of MIL-STD-19500 1500W surgecapability at 10 x 100 us waveform, duty cycle: 0.01% Excellent clamping capability Low zener impedance Fast response time: Typically less than 1.0ps from 0 volts to VBR for unidirectional and 5.0 ns for bidirectional Typical IR less than 1uA above 10V High temperature soldering guaranteed: 260°C / 10 seconds / .375”,(9.5mm) lead length / 5lbs.,(2.3kg) tension Mechanical Data Case: Molded plastic Lead: Axial leads, solderable per MIL-STD-202, Lead: Method 208 Polarity: Color band denotes cathode except bipolar Weight: 0.94gram DO-201 Dimensions in inches and (millimeters) Maximum Ratings and Electrical Characteristics Rating at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number Symbol Value Units P eak Power Dissipation at TA=25 OC, Tp=1ms (Note 1) PPK Minimum1500 Watts Steady State Power Dissipation at TL=75 °C Lead Lengths .375”, 9.5mm (Note 2) PD 5.0 Watts Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) (Note 3) IFSM 200 Amps Maximum Instantaneous Forward Voltage at 50.0A for Unidirectional Only (Note 4) VF 3.5 / 5.0 Volts Operating and Storage Temperature Range TJ,TSTG -55to+175 °C Notes: 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25 OC Per Fig. 2. Notes: 2. Mounted on Copper Pad Area of 0.8 x 0.8” (20 x 20 mm) Per Fig. 4. Notes: 3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minutes Notes: 3. Maximum. Notes: 4. VF=3.5V for Devices of VBR ≤ 200V and VF=5.0V Max. for Devices VBR>200V. Devices for Bipolar Applications Notes: 1. For Bidirectional Use C or CA Suffix for Types 1.5KE6.8 through Types 1.5KE440. Notes: 2. Electrical Characteristics Apply in Both Directions. |
同様の部品番号 - 1N6296 |
|
同様の説明 - 1N6296 |