データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT25C05YI-TE13 データシート(PDF) 7 Page - Catalyst Semiconductor

部品番号 CAT25C05YI-TE13
部品情報  1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C05YI-TE13 データシート(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT25C05YI-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C05YI-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C05YI-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C05YI-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C05YI-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C05YI-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C05YI-TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C05YI-TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C05YI-TE13 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
CAT25C11/03/05/09/17
Doc. No. 1017, Rev. J
Figure 4. Read Instruction Timing
After the correct read instruction and address are sent,
the data stored in the memory at the selected address is
shifted out on the SO pin. The data stored in the memory
at the next address can be read sequentially by continuing
to provide clock pulses. The internal address pointer is
automatically incremented to the next higher address
after each byte of data is shifted out. When the highest
address is reached, the address counter rolls over to
0000h allowing the read cycle to be continued indefinitely.
The read operation is terminated by pulling the
CS high.
Read sequece is illustrated in Figure 4. Reading status
register is illustrated in Figure 5. To read the status
register, RDSR instruction should be sent. The contents
of the status register are shifted out on the SO line. If a
non-volatile write is in progress, the RDSR instruction
returns a high on SO. When the non-volatile write cycle
is completed, the status register data is read out.
WRITE Sequence
The CAT25C11/03/05/09/17 powers up in a Write Dis-
able state. Prior to any write instructions, the WREN
instruction must be sent to CAT25C11/03/05/09/17.
The device goes into Write enable state by pulling the
CS low and then clocking the WREN instruction into
CAT25C11/03/05/09/17. The
CS must be brought high
SK
SI
SO
0000
X*
01
1
BYTE ADDRESS*
0123456789
10
20
21
22
23
24
25
26
27
28
29
30
7
6
5
4
3
2
1
0
*Please check the Byte Address Table.
CS
OPCODE
DATA OUT
MSB
HIGH IMPEDANCE
**
AN
A0
*X = 0 for CAT25C11, CAT25C03, CAT25C09 and CAT25C17; X = A8 for CAT25C05.
Note: Dashed Line= mode (1, 1) – – – –
and the WPEN bit) and the block protected sections in
the memory array when the chip is hardware write
protected. Only the sections of the memory array that
are not block protected can be written. Hardware write
protection is disabled when either WP pin is high or the
WPEN bit is zero.
DEVICE OPERATION
Write Enable and Disable
The CAT25C11/03/05/09/17 contains a write enable
latch. This latch must be set before any write operation.
The device powers up in a write disable state when Vcc
is applied. WREN instruction will enable writes (set the
latch) to the device. WRDI instruction will disable writes
(reset the latch) to the device. Disabling writes will
protect the device against inadvertent writes.
READ Sequence
The part is selected by pulling
CS low. The 8-bit read
instruction is transmitted to the CAT25C11/03/05/09/17,
followed by the 16-bit address for 25C09/17 (only 10-bit
addresses are used for 25C09, 11-bit addresses are
used for 25C17. The rest of the bits are don't care bits)
and 8-bit address for 25C11/03/05 (for the 25C05, bit 3
of the read data instruction contains address A8).


同様の部品番号 - CAT25C05YI-TE13

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT25C05YITE13 CATALYST-CAT25C05YITE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results

同様の説明 - CAT25C05YI-TE13

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com