データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ALVC164245DGGR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74ALVC164245DGGR
部品情報  16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC164245DGGR データシート(HTML) 4 Page - Texas Instruments

  SN74ALVC164245DGGR Datasheet HTML 1Page - Texas Instruments SN74ALVC164245DGGR Datasheet HTML 2Page - Texas Instruments SN74ALVC164245DGGR Datasheet HTML 3Page - Texas Instruments SN74ALVC164245DGGR Datasheet HTML 4Page - Texas Instruments SN74ALVC164245DGGR Datasheet HTML 5Page - Texas Instruments SN74ALVC164245DGGR Datasheet HTML 6Page - Texas Instruments SN74ALVC164245DGGR Datasheet HTML 7Page - Texas Instruments SN74ALVC164245DGGR Datasheet HTML 8Page - Texas Instruments SN74ALVC164245DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN74ALVC164245
16BIT 2.5V TO 3.3V/3.3V TO 5V LEVELSHIFTING TRANSCEIVER
WITH 3STATE OUTPUTS
SCAS416L − MARCH 1994 − REVISED FEBRUARY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions for VCCA at 2.5 V and 3.3 V (see Note 4)
MIN
MAX
UNIT
VCCA
Supply voltage
2.3
3.6
V
VIH
High-level input voltage
VCCA = 2.3 V to 2.7 V
1.7
V
VIH
High-level input voltage
VCCA = 3 V to 3.6 V
2
V
VIL
Low-level input voltage
VCCA = 2.3 V to 2.7 V
0.7
V
VIL
Low-level input voltage
VCCA = 3 V to 3.6 V
0.8
V
VIB
Input voltage
0
VCCA
V
VOA
Output voltage
0
VCCA
V
IOH
High-level output current
VCCA = 2.3 V
−18
mA
IOH
High-level output current
VCCA = 3 V
−24
mA
IOL
Low-level output current
VCCA = 2.3 V
18
mA
IOL
Low-level output current
VCCA = 3 V
24
mA
∆t/∆v
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTE 4: All unused inputs of the device must be held at the associated VCC or GND to ensure proper device operation. Refer to the TI application
report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical
characteristics
over
recommended
operating
free-air
temperature
range
for
VCCA = 2.7 V to 3.6 V and VCCB = 4.5 V to 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP†
MAX
UNIT
IOH = −100 µA
2.7 V to 3.6 V
VCC−0.2
VOH (B to A)
IOH = −12 mA
2.7 V
2.2
V
VOH (B to A)
IOH = −12 mA
3 V
2.4
V
IOH = −24 mA
3 V
2
IOH = −100 A
4.5 V
4.3
VOH (A to B)
IOH = −100 µA
5.5 V
5.3
V
VOH (A to B)
IOH = −24 mA
4.5 V
3.7
V
IOH = −24 mA
5.5 V
4.7
IOL = 100 µA
2.7 V to 3.6 V
0.2
VOL (B to A)
IOL = 12 mA
2.7 V
0.4
V
VOL (B to A)
IOL = 24 mA
3 V
0.55
V
VOL (A to B)
IOL = 100 µA
4.5 V to 5.5 V
0.2
V
VOL (A to B)
IOL = 24 mA
4.5 V to 5.5 V
0.55
V
II
Control inputs
VI = VCCA/VCCB or GND
3.6 V
5.5 V
±5
µA
IOZ‡
A or B ports
VO = VCCA/VCCB or GND
3.6 V
5.5 V
±10
µA
ICC
VI = VCCA/VCCB or GND, IO = 0
5.5 V
5.5 V
40
µA
∆ICC§
One input at VCCA/VCCB − 0.6 V,
Other inputs at VCCA/VCCB or GND
3 V to 3.6 V
4.5 V to 5.5 V
750
µA
Ci
Control inputs
VI = VCCA/VCCB or GND
3.3 V
5 V
6.5
pF
Cio
A or B ports
VO = VCCA/VCCB or GND
3.3 V
3.3 V
8.5
pF
† Typical values are measured at VCCA = 3.3 V and VCCB = 5 V, TA = 25°C.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
§ This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than at 0 or the associated VCC.


同様の部品番号 - SN74ALVC164245DGGR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALVC164245DGGR TI-SN74ALVC164245DGGR Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245DGGR TI-SN74ALVC164245DGGR Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245DGGR TI-SN74ALVC164245DGGR Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245DGGR TI1-SN74ALVC164245DGGR Datasheet
1Mb / 23P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ALVC164245DGGR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
54AC164245 STMICROELECTRONICS-54AC164245 Datasheet
285Kb / 22P
   Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter
54C164245 STMICROELECTRONICS-54C164245 Datasheet
527Kb / 23P
   Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
NXP Semiconductors
74ALVT16543 PHILIPS-74ALVT16543_15 Datasheet
127Kb / 15P
   2.5 V/3.3 V ALVT 16-bit registered transceiver (3-State)
2004 Sep 14
logo
STMicroelectronics
54VCXH163245 STMICROELECTRONICS-54VCXH163245 Datasheet
1Mb / 19P
   Rad-hard 16-bit transceiver, 1.8 V to 3.3 V bidirectional level shifter
September 2021 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com