データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C555 データシート(PDF) 1 Page - Unisonic Technologies

部品番号 C555
部品情報  SINGLE TIMER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

C555 データシート(HTML) 1 Page - Unisonic Technologies

  C555_18 Datasheet HTML 1Page - Unisonic Technologies C555_18 Datasheet HTML 2Page - Unisonic Technologies C555_18 Datasheet HTML 3Page - Unisonic Technologies C555_18 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
C555
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R502-A12.D
SINGLE TIMER
DESCRIPTION
The C555 astable and monostable timing circuit is a highly
stable controller capable of producing accurate time delays, or
oscillation.
FEATURES
* Timing from microseconds through hours
* High speed operation – 500kHz
* Wide operation supply voltage range – 7 to 15 voltages
* Low Supply Current -0.2mA
* Operates in both astable and monostable modes
* High output source/sink driver can drive TTL / CMOS
* Adjustable duty cycle
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
C555L-D08-T
C555G-D08-T
DIP-8
Tube
C555L-S08-R
C555G-S08-R
SOP-8
Tape Reel
MARKING
DIP-8
SOP-8


同様の部品番号 - C555_18

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
C555 UTC-C555_15 Datasheet
167Kb / 4P
   SINGLE TIMER
More results

同様の説明 - C555_18

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com