データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-315-060 データシート(PDF) 10 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-315-060
部品情報  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-315-060 データシート(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-315-060 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-315-060 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-315-060 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-315-060 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-315-060 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-315-060 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-315-060 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-315-060 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-315-060 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
Figure 4. VOL vs. Temperature.
Figure 5. IOL vs. Temperature.
Figure 6. VOL vs. IOL.
-40
0
TA – TEMPERATURE – °C
100
0.8
0.4
-20
1.0
020
40
0.2
60
80
VF(OFF) = -3.0 to 0.8 V
VOUT = 2.5 V
VCC = 15 to 30 V
VEE = 0 V
0.6
-40
0
TA – TEMPERATURE – °C
100
0.8
0.6
-20
1.0
020
40
0.2
60
80
VF(OFF) = -3.0 to 0.8 V
IOUT = 100 mA
VCC = 15 to 30 V
VEE = 0 V
0.4
0
0
IOL – OUTPUT LOW CURRENT – A
1.0
4
0.2
5
0.4
0.6
1
0.8
VF(OFF) = -3.0 to 0.8 V
VCC = 15 to 30 V
VEE = 0 V
2
100 °C
25 °C
-40 °C
3
Figure 1. VOH vs. Temperature.
Figure 2. IOH vs. Temperature.
Figure 3. VOH vs. IOH.
-40
-4
TA – TEMPERATURE – °C
100
-1
-2
-20
0
020
40
-3
60
80
IF = 7 to 16 mA
IOUT = -100 mA
VCC = 15 to 30 V
VEE = 0 V
-40
0.25
TA – TEMPERATURE – °C
100
0.45
0.40
-20
0.50
020
40
0.30
60
80
IF = 7 to 16 mA
VOUT = VCC - 4 V
VCC = 15 to 30 V
VEE = 0 V
0.35
0
-6
IOH – OUTPUT HIGH CURRENT – A
1.0
-2
-3
0.2
-1
0.4
0.6
-5
0.8
IF = 7 to 16 mA
VCC = 15 to 30 V
VEE = 0 V
-4
100 °C
25 °C
-40 °C
-40
1.5
TA – TEMPERATURE – °C
100
3.0
2.5
-20
3.5
020
40
2.0
60
80
VCC = 30 V
VEE = 0 V
IF = 10 mA for ICCH
IF = 0 mA for ICCL
ICCH
ICCL
15
1.5
VCC – SUPPLY VOLTAGE – V
30
3.0
2.5
3.5
20
2.0
25
IF = 10 mA for ICCH
IF = 0 mA for ICCL
TA = 25 °C
VEE = 0 V
ICCH
ICCL
-40
0
TA – TEMPERATURE – °C
100
3
2
-20
4
020
40
1
60
80
5
VCC = 15 TO 30 V
VEE = 0 V
OUTPUT = OPEN
Figure 7. ICC vs. Temperature.
Figure 8. ICC vs. VCC.
Figure 9. IFLH vs. Temperature.


同様の部品番号 - HCPL-315-060

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-3150 BOARDCOM-HCPL-3150 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
More results

同様の説明 - HCPL-315-060

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com