データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA4L3M データシート(PDF) 4 Page - NEC

部品番号 KA4L3M
部品情報  RESISTOR BUILT-IN TYPE NPN TRANSISTOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

KA4L3M データシート(HTML) 4 Page - NEC

  KA4L3M Datasheet HTML 1Page - NEC KA4L3M Datasheet HTML 2Page - NEC KA4L3M Datasheet HTML 3Page - NEC KA4L3M Datasheet HTML 4Page - NEC KA4L3M Datasheet HTML 5Page - NEC KA4L3M Datasheet HTML 6Page - NEC KA4L3M Datasheet HTML 7Page - NEC KA4L3M Datasheet HTML 8Page - NEC KA4L3M Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Data Sheet D16495EJ3V0DS
4
KA4xxx
[KA4A4M]
TYPICAL CHARACTERISTICS (TA = 25°C)
COLLECTOR TO EMITTER VOLTAGE vs.
COLLECTOR CURRENT
2
0
0
10
20
30
40
50
4
VCE - Collector to Emitter Voltage - V
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
68
10
IB = 220 A
80 A
µ
µ
100 A
µ
120 A
µ
140 A
µ
160 A
µ
180 A
µ
200 A
µ
0
0.1
0.2
0.3
0.4
0.5
0
2040
6080
100
VIN = 5.0 V
10.0 V
15.0 V
IC - Collector Current - mA
DC CURRENT GAIN vs. COLLECTOR CURRENT
COLLECTOR SATURATION VOLTAGE vs.
COLLECTOR CURRENT
1
10
100
1000
110
100
VCE = 5.0 V
TA = 75°C
25°C
−25°C
IC - Collector Current - mA
0.01
0.1
1
110
100
IC = 10・IB
TA = 75°C
25°C
−25°C
IC - Collector Current - mA
INPUT VOLTAGE vs. COLLECTOR CURRENT
COLLECTOR CURRENT vs. INPUT VOLTAGE
0.1
1
10
100
110
100
VCE = 0.2 V
TA =
−25°C
25°C
75°C
IC - Collector Current - mA
1
10
100
1000
0.4
0.6
0.8
1
1.2
1.4
1.6
VCE = 5.0 V
TA = 75°C
−25°C
25°C
VIN - Input Voltage - V
RESISTER vs. AMBIENT TEMPERATURE
0
4
8
12
16
20
-25
0
25
50
75
100
TA - Ambient Temperature - °C


同様の部品番号 - KA4L3M

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
KA4L3M RENESAS-KA4L3M Datasheet
464Kb / 24P
   SILICON TRANSISTOR
2002
More results

同様の説明 - KA4L3M

メーカー部品番号データシート部品情報
logo
NEC
FA4A4M NEC-FA4A4M Datasheet
685Kb / 22P
   RESISTOR BUILT-IN TYPE NPN TRANSISTOR
GA4F3R NEC-GA4F3R Datasheet
370Kb / 22P
   RESISTOR BUILT-IN TYPE NPN TRANSISTOR
logo
Unisonic Technologies
DTC124T UTC-DTC124T Datasheet
106Kb / 2P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
logo
NEC
GA1A4M NEC-GA1A4M Datasheet
192Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR?
GA1L3N NEC-GA1L3N Datasheet
176Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR?
GA1L4Z NEC-GA1L4Z Datasheet
161Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR?
logo
Unisonic Technologies
DTC115T UTC-DTC115T Datasheet
69Kb / 2P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
logo
NEC
GA1L3M NEC-GA1L3M Datasheet
173Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR?
GA1L4L NEC-GA1L4L Datasheet
186Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR?
GA1A3Q NEC-GA1A3Q Datasheet
178Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com