データシートサーチシステム |
|
LM193A データシート(PDF) 3 Page - National Semiconductor (TI) |
|
|
LM193A データシート(HTML) 3 Page - National Semiconductor (TI) |
3 / 12 page MICROCIRCUIT DATA SHEET MNLM193A-X REV 1B3 (Absolute Maximum Ratings) (Note 1) Supply Voltage, V+ 36Vdc or +18Vdc Differential Input Voltage (Note 6) 36Vdc Input Voltage -0.3Vdc to +36Vdc Input Current (Vin < -0.3 Vdc) (Note 5) 50mA Maximum Junction Temperature 150 C Power Dissipation (Note 2, 3) 660mW METAL CAN 780mW CERDIP Output Short-Circuit to Gnd (Note 4) Continuous Operating Temperature Range -55 C to +125 C Thermal Resistance ThetaJA 174 C/W METAL CAN (Still Air) 99 C/W (500LF/Min Air flow) 146 C/W CERDIP (Still Air) 85 C/W (500LF/Min Air flow) ThetaJC 44 C/W METAL CAN 33 C/W CERDIP Lead Temperature +260 C (Soldering, 10 seconds) ESD Tolerance (Note 7) 500V Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. Note 2: The maximum power dissipation must be derated at elevated temperatures and is dictated by Tjmax (maximum junction temperature ), ThetaJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is Pdmax = (Tjmax - TA)/ThetaJA or the number given in the Absolute Maximum Ratings, whichever is lower. Note 3: The LM193A must be derated based on a 150 C maximum junction temperature. The low bias dissipation and the ON-OFF characteristic of the outputs keeps the chip dissipation very small (PD<100mV), provided the output transistors are allowed to saturate. Note 4: Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground, the maximum output current is approximately 20mA independent of the magnitude of V+. 3 |
同様の部品番号 - LM193A |
|
同様の説明 - LM193A |