データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM8131B データシート(PDF) 3 Page - Nippon Precision Circuits Inc

部品番号 SM8131B
部品情報  The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8131B データシート(HTML) 3 Page - Nippon Precision Circuits Inc

  SM8131B Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SM8131B
NIPPON PRECISION CIRCUITS INC.—3
SPECIFICATIONS
Absolute Maximum Ratings
I
Maximum junction temperature: TMAX = 125°C
I
Operating temperature: Ta [
°C]
I
Thermal resistance:
θJ = 70°C/W
Parameter
Symbol
Rating
Unit
VIN voltage range
VIN
−0.3 to 6.5
V
Input voltage range
VEN, VSEL
VGND – 0.3 to VIN + 0.3
V
Output voltage range
VDIN1 to 6
VGND – 0.3 to VIN + 0.3
V
VOUT
6.5
V
Power dissipation
PD
1429 (Ta
= 25°C)*1
*1.When mounted on a 34
× 40 × 1.6mm glass epoxy board, the power dissipation is related to the operating temperature by
the following equation.
mW
Operating temperature range
Ta
–30 to 85
°C
Storage temperature range
Tstg
−55 to 125
°C
P =
(TMAX
− Ta)
θ
D
J
0
400
800
1200
1600
25
35
45
55
65
75
85
Operating temperature [
°C]
1429
1143
857
571


同様の部品番号 - SM8131B

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8130A50D NPC-SM8130A50D Datasheet
83Kb / 6P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8132AB NPC-SM8132AB Datasheet
137Kb / 18P
   White LED Driver IC
SM8132AW NPC-SM8132AW Datasheet
137Kb / 18P
   White LED Driver IC
More results

同様の説明 - SM8131B

メーカー部品番号データシート部品情報
logo
STMicroelectronics
AN937 STMICROELECTRONICS-AN937 Datasheet
1,014Kb / 29P
   The L4971 is a 1.5 A monolithic dc-dc converter
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
   Charge Pump DC-to-DC Converter
2002
logo
Unisonic Technologies
ME7660 UTC-ME7660 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
ON Semiconductor
LV52130N0XA ONSEMI-LV52130N0XA Datasheet
441Kb / 19P
   1coil Boost DC-DC converter and Inverter Charge Pump
October 2015 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com