データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A2053DCURE4 データシート(PDF) 1 Page - Texas Instruments

部品番号 TS5A2053DCURE4
部品情報  SINGLE-CHANNEL 10-OHM SPDT ANALOG SWITCH WITH ENABLE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A2053DCURE4 データシート(HTML) 1 Page - Texas Instruments

  TS5A2053DCURE4 Datasheet HTML 1Page - Texas Instruments TS5A2053DCURE4 Datasheet HTML 2Page - Texas Instruments TS5A2053DCURE4 Datasheet HTML 3Page - Texas Instruments TS5A2053DCURE4 Datasheet HTML 4Page - Texas Instruments TS5A2053DCURE4 Datasheet HTML 5Page - Texas Instruments TS5A2053DCURE4 Datasheet HTML 6Page - Texas Instruments TS5A2053DCURE4 Datasheet HTML 7Page - Texas Instruments TS5A2053DCURE4 Datasheet HTML 8Page - Texas Instruments TS5A2053DCURE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TS5A2053
SINGLECHANNEL 10 W SPDT ANALOG SWITCH
WITH ENABLE
SCDS183 – JANUARY 2005
Description
The TS5A2053 is a single-pole double-throw (SPDT)
analog switch that is designed to operate from 1.65 V
to 5.5 V. This device can handle both digital and analog
signals, and signals up to V+ can be transmitted in either
direction.
Applications
D Cell Phones
D Portable Audio Video Equipment
D Battery-Powered Equipment
D Low-Voltage Data Acquisition Systems
D Test Equipment
D Communication Circuits
SSOP OR VSSOP PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
COM
EN
GND
GND
NO
NC
V+
IN
Logic Control
YEP OR YZP PACKAGE
(BOTTOM VIEW)
1
2
3
4
8
7
6
5
COM
EN
GND
GND
NO
NC
V+
IN
Logic Control
FUNCTION TABLE
EN
IN
NC TO COM,
COM TO NC
NO TO COM,
COM TO NO
L
L
ON
OFF
L
H
OFF
ON
H
X
OFF
OFF
Features
D Low ON-State Resistance (10 W)
D Control Inputs Are 5-V Tolerant
D Low Charge Injection
D Excellent ON-Resistance Matching
D Low Total Harmonic Distortion (THD)
D 1.65-V to 5.5-V Single-Supply Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
Summary of Characteristics
V+ = 5 V and TA = 25 °C
Configuration
Single Pole
Double Throw
(SPDT)
Number of channels
1
ON-state resistance (ron)
7.5
ON-state resistance match (
∆ron)
0.8
ON-state resistance flatness (ron(flat))
1.7
Turn-on/turn-off time (tON/tOFF)
6.8 ns/4.1 ns
Charge injection (QC)
3 pC
Bandwidth (BW)
330 MHz
OFF isolation (OISO)
−64 dB at 10 MHz
Crosstalk (XTALK)
−68 dB at 10 MHz
Total harmonic distortion (THD)
0.01%
Leakage current (ICOM(OFF))
±10 nA
Power-supply current (I+)
0.1
µA
Package option
8-pin DSBGA, SSOP, or
VSSOP
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2005, Texas Instruments Incorporated


同様の部品番号 - TS5A2053DCURE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A2053DCURE4 TI-TS5A2053DCURE4 Datasheet
576Kb / 26P
[Old version datasheet]   SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
More results

同様の説明 - TS5A2053DCURE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A2053 TI-TS5A2053_15 Datasheet
912Kb / 28P
[Old version datasheet]   SINGLE-CHANNEL 10 SPDT ANALOG SWITCH WITH ENABLE
TS5A2053 TI1-TS5A2053_14 Datasheet
929Kb / 29P
[Old version datasheet]   SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
TS5A2053 TI-TS5A2053_09 Datasheet
576Kb / 26P
[Old version datasheet]   SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
TS5A3157 TI-TS5A3157 Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
MAX4596DCKRG4 TI1-MAX4596DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
MAX4596 TI-MAX4596 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
MAX4594DCKRG4 TI1-MAX4594DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
TS5A63157 TI-TS5A63157 Datasheet
411Kb / 27P
[Old version datasheet]   12-OHM SPDT ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX4564 MAXIM-MAX4564_12 Datasheet
316Kb / 11P
   Low-Voltage, Dual-Supply,SPDT Analog Switch with Enable
Rev 2; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com