データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA1615 データシート(PDF) 2 Page - NEC

部品番号 2SA1615
部品情報  PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

2SA1615 データシート(HTML) 2 Page - NEC

  2SA1615 Datasheet HTML 1Page - NEC 2SA1615 Datasheet HTML 2Page - NEC 2SA1615 Datasheet HTML 3Page - NEC 2SA1615 Datasheet HTML 4Page - NEC 2SA1615 Datasheet HTML 5Page - NEC 2SA1615 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D16119EJ1V0DS
2
2SA1615, 1615-Z
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−20 V, IE = 0
−1.0
µA
Emitter cutoff current
IEBO
VEB =
−8.0 V, IC = 0
−1.0
µA
DC current gain
hFE1*
VCE =
−2.0 V, IC = −0.5 A
200
600
DC current gain
hFE2*
VCE =
−2.0 V, IC = −4.0 A
160
Collector saturation voltage
VCE(sat)*
IC =
−4.0 A, IB = −0.05 A
−0.2
−0.25
V
Base saturation voltage
VBE(sat)*
IC =
−4.0 A, IB = −0.05 A
−0.9
−1.2
V
Gain bandwidth product
fT
VCE =
−5.0 V, IE = 1.5 A
180
MHz
Output capacity
Cob
VCB =
−10 V, IE = 0, f = 1.0 MHz
220
pF
Turn-on time
ton
80
ns
Storage time
tstg
300
ns
Fall time
tf
IC =
−5.0 A, IB1 = −IB2 = 0.125 A,
RL = 2.0
Ω, VCC ≅ −10 V
60
ns
* Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
hFE CLASSIFICATION
Marking
L
K
hFE2
200 to 400
300 to 600
PACKAGE DRAWING (UNIT: mm)
2SA1615
2SA1615-Z
Electrode Connection
1. Base
2. Collector
3. Emitter
4. Collector (fin)


同様の部品番号 - 2SA1615

メーカー部品番号データシート部品情報
logo
Stanson Technology
2SA1615 STANSON-2SA1615 Datasheet
187Kb / 4P
   P TYPE TTANSISTORS
logo
Inchange Semiconductor ...
2SA1615 ISC-2SA1615 Datasheet
236Kb / 2P
   isc Silicon PNP Power Transistor
logo
Jiangsu Changjiang Elec...
2SA1615 JIANGSU-2SA1615 Datasheet
220Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SA1615 BILIN-2SA1615 Datasheet
266Kb / 5P
   PNP Silicon Epitaxial Transistor for High-speed Switching
logo
Renesas Technology Corp
2SA1615 RENESAS-2SA1615 Datasheet
238Kb / 7P
   SILICON POWER TRANSISTOR
2002
More results

同様の説明 - 2SA1615

メーカー部品番号データシート部品情報
logo
NEC
2SA1743 NEC-2SA1743 Datasheet
130Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1652 NEC-2SA1652 Datasheet
161Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 NEC-2SA1742 Datasheet
126Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1744 NEC-2SA1744 Datasheet
144Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1845 NEC-2SA1845 Datasheet
139Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Galaxy Semi-Conductor H...
2SA1615 BILIN-2SA1615 Datasheet
266Kb / 5P
   PNP Silicon Epitaxial Transistor for High-speed Switching
logo
Renesas Technology Corp
2SA1615 RENESAS-2SA1615_15 Datasheet
239Kb / 7P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 RENESAS-2SA1742_15 Datasheet
250Kb / 8P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
NEC
2SA1645 NEC-2SA1645 Datasheet
143Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1646 NEC-2SA1646 Datasheet
139Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1650 NEC-2SA1650 Datasheet
148Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com