データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA1645-Z データシート(PDF) 2 Page - NEC

部品番号 2SA1645-Z
部品情報  PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

2SA1645-Z データシート(HTML) 2 Page - NEC

  2SA1645-Z Datasheet HTML 1Page - NEC 2SA1645-Z Datasheet HTML 2Page - NEC 2SA1645-Z Datasheet HTML 3Page - NEC 2SA1645-Z Datasheet HTML 4Page - NEC 2SA1645-Z Datasheet HTML 5Page - NEC 2SA1645-Z Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D15587EJ2V0DS
2
2SA1645, 2SA1645-Z
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−100 V, IE = 0
−10
µA
Emitter cutoff current
IEBO
VEB =
−5 V, IC = 0
−10
µA
DC current gain
hFE1*
VCE =
−2 V, IC = −0.5 A
100
DC current gain
hFE2*
VCE =
−2 V, IC = −1.5 A
100
400
DC current gain
hFE3*
VCE =
−2 V, IC = −4 A
60
Collector saturation voltage
VCE(sat)1*
IC =
−4 A, IB = −0.2 A
−0.3
V
Collector saturation voltage
VCE(sat)2*
IC =
−6 A, IB = −0.3 A
−0.5
V
Base saturation voltage
VBE(sat)1*
IC =
−4 A, IB = −0.2 A
−1.2
V
Base saturation voltage
VBE(sat)2*
IC =
−6 A, IB = −0.3 A
−1.5
V
Gain bandwidth product
fT
VCE =
−10 V, IC = −1.5 A
150
MHz
Collector capacitance
Cob
VCB =
−10 V, IE = 0, f = 1 MHz
150
pF
Turn-on time
ton
0.3
µs
Storage time
tstg
1.5
µs
Fall time
tf
IC =
−4 A, IB1 = −IB2 = −0.2 A,
RL = 12.5
Ω, VCC = −50 V
Refer to the test circuit.
0.4
µs
* Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
hFE CLASSIFICATION
Marking
M
L
K
hFE2
100 to 200
150 to 300
200 to 400
SWITCHING TIME TEST CIRCUIT
Base current
waveform
Collector current
waveform


同様の部品番号 - 2SA1645-Z

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
2SA1645-Z ISC-2SA1645-Z Datasheet
227Kb / 2P
   isc Silicon PNP Power Transistor
logo
Renesas Technology Corp
2SA1645-Z RENESAS-2SA1645-Z Datasheet
266Kb / 8P
   SILICON POWER TRANSISTOR
2002
More results

同様の説明 - 2SA1645-Z

メーカー部品番号データシート部品情報
logo
NEC
2SA1743 NEC-2SA1743 Datasheet
130Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1652 NEC-2SA1652 Datasheet
161Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 NEC-2SA1742 Datasheet
126Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1744 NEC-2SA1744 Datasheet
144Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1845 NEC-2SA1845 Datasheet
139Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Galaxy Semi-Conductor H...
2SA1615 BILIN-2SA1615 Datasheet
266Kb / 5P
   PNP Silicon Epitaxial Transistor for High-speed Switching
logo
Renesas Technology Corp
2SA1615 RENESAS-2SA1615_15 Datasheet
239Kb / 7P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 RENESAS-2SA1742_15 Datasheet
250Kb / 8P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
NEC
2SA1646 NEC-2SA1646 Datasheet
139Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1650 NEC-2SA1650 Datasheet
148Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com