データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK3402 データシート(PDF) 1 Page - NEC

部品番号 2SK3402
部品情報  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

2SK3402 データシート(HTML) 1 Page - NEC

  2SK3402 Datasheet HTML 1Page - NEC 2SK3402 Datasheet HTML 2Page - NEC 2SK3402 Datasheet HTML 3Page - NEC 2SK3402 Datasheet HTML 4Page - NEC 2SK3402 Datasheet HTML 5Page - NEC 2SK3402 Datasheet HTML 6Page - NEC 2SK3402 Datasheet HTML 7Page - NEC 2SK3402 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
2SK3402
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No.
D14473EJ3V1DS00 (3rd edition)
Date Published
October 2004 NS CP(K)
Printed in Japan
The mark
★ shows major revised points.
1999, 2000
DESCRIPTION
The 2SK3402 is N-Channel MOS Field Effect Transistor
designed for high current switching applications.
FEATURES
• Low On-State Resistance
RDS(on)1 = 15 m
Ω MAX. (VGS = 10 V, ID = 18 A)
RDS(on)2 = 22 m
Ω MAX. (VGS = 4.0 V, ID = 18 A)
• Low Ciss : Ciss = 3200 pF TYP.
• Built-in Gate Protection Diode
• TO-251/TO-252 package
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
60
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±36
A
Drain Current (pulse)
Note1
ID(pulse)
±144
A
Total Power Dissipation (TC = 25°C)
PT1
40
W
Total Power Dissipation (TA = 25°C)
PT2
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current
Note2
IAS
35
A
Single Avalanche Energy
Note2
EAS
123
mJ
Notes 1. PW
≤ 10
µs, Duty cycle ≤ 1%
2. Starting Tch = 25°C, VDD = 30 V, RG = 25 Ω, VGS = 20
→ 0 V
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3402
TO-251 (MP-3)
2SK3402-Z
TO-252 (MP-3Z)
(TO-251)
(TO-252)


同様の部品番号 - 2SK3402

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SK3402 KEXIN-2SK3402 Datasheet
46Kb / 1P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SK3402 VBSEMI-2SK3402 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3402 ISC-2SK3402 Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3402 RENESAS-2SK3402 Datasheet
238Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
Guangdong Kexin Industr...
2SK3402-Z KEXIN-2SK3402-Z Datasheet
1Mb / 5P
   N-Channel MOSFET
More results

同様の説明 - 2SK3402

メーカー部品番号データシート部品情報
logo
NEC
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com