データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CBC2012T220M データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 CBC2012T220M
部品情報  WOUND CHIP INDUCTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

CBC2012T220M データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  CBC2012T220M Datasheet HTML 1Page - List of Unclassifed Manufacturers CBC2012T220M Datasheet HTML 2Page - List of Unclassifed Manufacturers CBC2012T220M Datasheet HTML 3Page - List of Unclassifed Manufacturers CBC2012T220M Datasheet HTML 4Page - List of Unclassifed Manufacturers CBC2012T220M Datasheet HTML 5Page - List of Unclassifed Manufacturers CBC2012T220M Datasheet HTML 6Page - List of Unclassifed Manufacturers CBC2012T220M Datasheet HTML 7Page - List of Unclassifed Manufacturers CBC2012T220M Datasheet HTML 8Page - List of Unclassifed Manufacturers CBC2012T220M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
187
5
Type
L
W
T
3.2M0.3
2.5M0.3
(0.126M0.012)
(0.098M0.012)
CB2518
CBC2518
CBC3225
2.5M0.2
1.8M0.2
(0.098M0.008)
(0.071M0.008)
CB2016
CBC2016
CB2012
CBC2012
2.0M0.2
1.6 M0.2
(0.079M0.008)
(0.063M0.008)
2.0M0.2
1.25M0.2
(0.079M0.008)
(0.049M0.008)
2.5M0.3
(0.098M0.012)
1.8M0.2
(0.071M0.008)
1.6 M0.2
(0.063M0.008)
1.25M0.2
(0.049M0.008)
E
0.6M0.3
(0.024M0.012)
0.5M0.2
(0.020M0.008)
0.5M0.2
(0.020M0.008)
0.5M0.2
(0.020M0.008)
0.5M0.2
(0.020M0.008)
Unit
mmfinchg
CBL2012
2.0M0.2
1.25M0.2
0.9M0.1
(0.079M0.008)
(0.049M0.008)
(0.035M0.004)
外形寸法 EXTERNAL DIMENSIONS
概略バリエーション AVAILABLE INDUCTANCE RANGE
P.188
P.190
P.195
P.196
P.10
アイテム一覧
Part Numbers
特性図
Electrical Characteristics
梱包
Packaging
信頼性
Reliability Data
使用上の注意
Precautions
セレクションガイド
Selection Guide
etc
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
1
10
100
47
2.2
CB2016
Type
Range
Inductance
1AH
2.2AH
10AH
47AH
510
0.09
510
0.13
410
0.23
250
0.25
250
0.5
200
50
100AH
110
0.95
110
2.4
90
3.7
700
1000
890
480
240
CB2012
CB2518
510
0.09
250
0.25
110
0.95
510
0.13
250
0.5
110
2.4
410
0.23
200
5.0
700
0.2
90
3.7
750
0.2
380
0.82
150
4.3
530
0.33
240
1.2
120
5.8
275
0.66
205
1.0
100
5.08
240
1.90
1000
0.08
890
0.13
480
0.36
RdcM30L
[E]
Imax
[mA]
RdcM30L
[E]
Imax
[mA]
RdcM30L
[E]
Imax
[mA]
RdcM30L
[E]
Imax
[mA]
RdcM30L
[E]
Imax
[mA]
RdcM30L
[E]
Imax
[mA]
RdcM30L
[E]
Imax
[mA]
RdcM30L
[E]
Imax
[mA]
CBC2518
CBC2016
4.7AH
CBC2012
CBL2012
CBC3225
RdcM30%
[E]
Imax
[mA]
RdcM30%
[E]
Imax
[mA]
RdcM30%
[E]
0.2
RdcM30%
[E]
0.08
0.13
0.36
1.9
RdcM30%
[E]
0.2
0.82
4.3
RdcM30%
[E]
0.33
1.2
5.8
RdcM30%
[E]
0.66(4.7AH)
1.0
5.08
RdcM30%
[E]
Imax
[mA]
Imax
[mA]
275(4.7AH)
205
100
Imax
[mA]
Imax
[mA]
750
380
150
Imax
[mA]
530
240
120
Imax
[mA]
P.212


同様の部品番号 - CBC2012T220M

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
CBC2012T220M TAIYO-YUDEN-CBC2012T220M Datasheet
143Kb / 1P
   Wire-wound Chip Power Inductors
CBC2012T220M TAIYO-YUDEN-CBC2012T220M Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
logo
Kemet Corporation
CBC2012T220M-K KEMET-CBC2012T220M-K Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
logo
Taiyo Yuden (U.S.A.), I...
CBC2012T220M8 TAIYO-YUDEN-CBC2012T220M8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CBC]
CBC2012T220MV TAIYO-YUDEN-CBC2012T220MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
More results

同様の説明 - CBC2012T220M

メーカー部品番号データシート部品情報
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB1608T1R0M TAIYO-YUDEN-LB1608T1R0M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com