データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79231JC データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 AM79231JC
部品情報  Intelligent Subscriber Line Interface Circuit (ISLIC)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

AM79231JC データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AM79231JC Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79231JC Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79231JC Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79231JC Datasheet HTML 9Page - List of Unclassifed Manufacturers AM79231JC Datasheet HTML 10Page - List of Unclassifed Manufacturers AM79231JC Datasheet HTML 11Page - List of Unclassifed Manufacturers AM79231JC Datasheet HTML 12Page - List of Unclassifed Manufacturers AM79231JC Datasheet HTML 13Page - List of Unclassifed Manufacturers AM79231JC Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
Am79231 Data Sheet
 Ringing
 Sophisticated line and circuit tests
To accomplish these functions, the ISLIC device collects the following information and feeds it, in
analog form, to the ISLAC device:
 The metallic (IMT) and longitudinal (ILG) loop currents
 The AC (VTX) and DC (VSAB) loop voltage
The outputs supplied by the ISLAC device to the ISLIC device are then:
 A voltage (VHLi) that provides control for the following high-level ISLIC device outputs:
—DC loop current
—12 or 16 kHz metering signal
 A low-level voltage proportional to the voice signal (VOUTi)
 A voltage that controls longitudinal offset for test purposes (VLBi)
The ISLAC device performs the codec and filter functions associated with the four-wire section of
the subscriber line circuitry in a digital switch. These functions involve converting an analog voice
signal into digital PCM samples and converting digital PCM samples back into an analog signal.
During conversion, digital filters are used to band-limit the voice signals.
The user-programmable filters set the receive and transmit gain, perform the transhybrid balancing
function, permit adjustment of the two-wire termination impedance and provide frequency attenua-
tion adjustment (equalization) of the receive and transmit paths. Adaptive transhybrid balancing is
also included. All programmable digital filter coefficients can be calculated using WinSLAC software.
The PCM codes can be either 16-bit linear two's-complement or 8-bit companded A-law or µ-law.
Besides the codec functions, the Intelligent Access voice chipset provides all the sensing, feedback,
and clocking necessary to completely control ISLIC device functions with programmable parameters.
System-level parameters under programmable control include active loop current limits, feed resis-
tance, and feed mode voltages.
The ISLAC device supplies complete mode control to the ISLIC device using the control bus (P1-
P3) and tri-level load signal (LDi).
The Intelligent Access voice chipset provides extensive loop supervision capability including off-
hook, ring-trip and ground-key detection. Detection thresholds for these functions are programmable.
A programmable debounce timer is available that eliminates false detection due to contact bounce.
For subscriber line diagnostics, AC and DC line conditions can be monitored using built-in test tools.
Measured parameters can be compared to programmed threshold levels to set a pass/fail bit. The
user can choose to send the actual measurement data directly to a higher level processor by way
of the PCM voice channel. Both longitudinal and metallic resistance and capacitance can be mea-
sured, which allows leakage resistance, line capacitance, and telephones to be identified.


同様の部品番号 - AM79231JC

メーカー部品番号データシート部品情報
logo
Analog Power
AM7920N ANALOGPOWER-AM7920N Datasheet
112Kb / 3P
   Dual N-Channel 20-V (D-S) MOSFET
logo
List of Unclassifed Man...
AM79213 ETC1-AM79213 Datasheet
501Kb / 48P
   Advanced Subscriber Line Interface Circuit (ASLIC) Device
logo
Analog Power
AM7922N ANALOGPOWER-AM7922N Datasheet
326Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
AM7924N ANALOGPOWER-AM7924N Datasheet
328Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
More results

同様の説明 - AM79231JC

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM79R251 AMD-AM79R251 Datasheet
317Kb / 27P
   Intelligent Subscriber Line Interface Circuit (ISLIC)
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28