データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISD18B00 データシート(PDF) 9 Page - Nuvoton Technology Corporation

部品番号 ISD18B00
部品情報  SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NUVOTON [Nuvoton Technology Corporation]
ホームページ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD18B00 データシート(HTML) 9 Page - Nuvoton Technology Corporation

Back Button ISD18B00 Datasheet HTML 5Page - Nuvoton Technology Corporation ISD18B00 Datasheet HTML 6Page - Nuvoton Technology Corporation ISD18B00 Datasheet HTML 7Page - Nuvoton Technology Corporation ISD18B00 Datasheet HTML 8Page - Nuvoton Technology Corporation ISD18B00 Datasheet HTML 9Page - Nuvoton Technology Corporation ISD18B00 Datasheet HTML 10Page - Nuvoton Technology Corporation ISD18B00 Datasheet HTML 11Page - Nuvoton Technology Corporation ISD18B00 Datasheet HTML 12Page - Nuvoton Technology Corporation ISD18B00 Datasheet HTML 13Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ISD18B00 DATASHEET
Publication Release Date: Sep 05, 2013
- 9 -
Revision 1.0
Holding PLAYL Low constantly will perform looping playback function.
Fig. 5: Looping playback function via PLAYL
TDeb
PlayL
LEDP
SPK+
SPK-
LEDR
TD2
Tf
TD2
5.5. Sound Effect ( SE ) Operation:
Beeping feature for recording. Once active, one-beep indicates the start of recording and two-beep
represents the end of recording.
5.6. Microphone amplifier gain
Two external resistors, RI and RO, are used to adjust the microphone amplifier gain with respect to the
incoming signal.
5.7. Playback (supersedes Record) Operation :
Playback takes precedence over the Recording operation.
If either PLAYE or PLAYL is activated during a recording cycle, the recording immediately ceases
and playback of the just-recorded message performs accordingly.
5.8. Feed-Through mode Operation:
As FT is held Low, the input signal from MICIN will directly transmit to the speaker outputs.
If either RECE is triggered or RECL is held Low simultaneously after FT is enabled, then input
signal will be recorded into memory while the Feed-Through mode is still on.
After FT is enabled, activating either PLAYE or PLAYL will first disable the feed-through path and
play the recorded message. Once playback is completed, the feed-through feature resumes.
5.9. LEDR Operation:
LEDR
stays on during recording.
Also, LEDR pulses Low momentarily at the end of playback operation.
5.10. LEDP Operation :
LEDP
stays on during playback.
Also, LEDP pulses Low momentarily at the end of recording.
5.11. Rosc Operation:
When the ROSC varies from 80 KΩ to 160 KΩ, the sampling rate changes from 8 kHz to 4 kHz
accordingly.
When ROSC resistor value is changed during playback, the tone of a recorded message will alter either
faster or slower.


同様の部品番号 - ISD18B00

メーカー部品番号データシート部品情報
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1806P NUVOTON-ISD1806P Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1806S NUVOTON-ISD1806S Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1806X NUVOTON-ISD1806X Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
More results

同様の説明 - ISD18B00

メーカー部品番号データシート部品情報
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com