データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRHM7160 データシート(PDF) 3 Page - International Rectifier

部品番号 IRHM7160
部品情報  REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRHM7160 データシート(HTML) 3 Page - International Rectifier

  IRHM7160 Datasheet HTML 1Page - International Rectifier IRHM7160 Datasheet HTML 2Page - International Rectifier IRHM7160 Datasheet HTML 3Page - International Rectifier IRHM7160 Datasheet HTML 4Page - International Rectifier IRHM7160 Datasheet HTML 5Page - International Rectifier IRHM7160 Datasheet HTML 6Page - International Rectifier IRHM7160 Datasheet HTML 7Page - International Rectifier IRHM7160 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
IRHM7160
IRHM7160
IRHM7160
IRHM7160
IRHM7160
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ➄➅
Parameter
Parameter
Parameter
Parameter
Parameter
100 KRads(Si)
300 - 1000K Rads (Si)
U
UU
UUnits
nits
nits
nits
nits
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
100
—
100
—
V
VGS = 0V, ID = 1.0mA
V/5JD
Gate Threshold Voltage
2.0
4.0
1.25
4.5
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
—
100
—
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
-100
—
-100
VGS = -20 V
IDSS
Zero Gate Voltage Drain Current
—
25
—
25
µA
VDS=80V, VGS =0V
RDS(on)
Static Drain-to-Source" ➃
—
0.045
—
0.062
VGS = 12V, ID =35A
On-State Resistance (TO-3)
RDS(on)
Static Drain-to-Source" ➃
—
0.045
—
0.062
VGS = 12V, ID =35A
On-State Resistance (TO-254AA)
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
Radiation Characteristics
Radiation Characteristics
Radiation Characteristics
Radiation Characteristics
1. Part numbers IRHM7160 (JANSR2N7432)
2. Part number IRHM3160, IRHM4160 and IRH8160 (JANSF2N7432, JANSG2N7432 and JANSH2N7432)
Fig a.
Fig a.
Fig a.
Fig a.
Fig a. Single Event Effect, Safe Operating Area
VSD
Diode Forward Voltage" ➃
—
1.8
—
1.8
V
VGS = 0V, IS = 35A
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Table 2. Single Event Effect Safe Operating Area
Table 2. Single Event Effect Safe Operating Area
Table 2. Single Event Effect Safe Operating Area
Table 2. Single Event Effect Safe Operating Area
Table 2. Single Event Effect Safe Operating Area
Ion
Ion
Ion
Ion
Ion
LET
LET
LET
LET
LET
Energy
Range
Energy
Range
Energy
Range
Energy
Range
Energy
Range
V
VV
V
VDS(V)
DS(V)
DS(V)
DS(V)
DS(V)
MeV/(mg/cm ))
(MeV)
µm) @
@
@
@
@
V
VV
VVGS
GS
GS
GS
GS
=0V @
=0V @
=0V @
=0V @
=0V @
V
VV
V
VGS
GS
GS
GS
GS
=-5V@
=-5V@
=-5V@
=-5V@
=-5V@
V
VV
V
VGS
GS
GS
GS
GS
=-10V@
=-10V@
=-10V@
=-10V@
=-10V@
V
VV
VVGS
GS
GS
GS
GS
=-15V@
=-15V@
=-15V@
=-15V@
=-15V@
V
VV
VVGS
GS
GS
GS
GS
=-20V
=-20V
=-20V
=-20V
=-20V
Cu
28
285
43
100
100
100
80
60
Br
36.8
305
39
100
90
70
50
—
0
20
40
60
80
100
120
0
-5
-10
-15
-20
-25
VGS
Cu
Br


同様の部品番号 - IRHM7160

メーカー部品番号データシート部品情報
logo
International Rectifier
IRHM7160 IRF-IRHM7160 Datasheet
167Kb / 8P
   Simple Drive Requirements
IRHM7160 IRF-IRHM7160_15 Datasheet
167Kb / 8P
   Simple Drive Requirements
More results

同様の説明 - IRHM7160

メーカー部品番号データシート部品情報
logo
International Rectifier
IRHF7310SE IRF-IRHF7310SE Datasheet
39Kb / 4P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRH7450 IRF-IRH7450 Datasheet
312Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRH7250 IRF-IRH7250 Datasheet
317Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHF7130 IRF-IRHF7130 Datasheet
291Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFE9130 IRF-IRFE9130 Datasheet
203Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHF7230 IRF-IRHF7230 Datasheet
302Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHM7230 IRF-IRHM7230 Datasheet
301Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHE7110 IRF-IRHE7110 Datasheet
320Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFV360 IRF-IRFV360 Datasheet
207Kb / 8P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED HEXFET TRANSISTOR
IRFE420 IRF-IRFE420 Datasheet
136Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com