データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1GU032NBVC-0QC00 データシート(PDF) 32 Page - Samsung semiconductor

部品番号 MC1GU032NBVC-0QC00
部品情報  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1GU032NBVC-0QC00 データシート(HTML) 32 Page - Samsung semiconductor

Back Button MC1GU032NBVC-0QC00 Datasheet HTML 28Page - Samsung semiconductor MC1GU032NBVC-0QC00 Datasheet HTML 29Page - Samsung semiconductor MC1GU032NBVC-0QC00 Datasheet HTML 30Page - Samsung semiconductor MC1GU032NBVC-0QC00 Datasheet HTML 31Page - Samsung semiconductor MC1GU032NBVC-0QC00 Datasheet HTML 32Page - Samsung semiconductor MC1GU032NBVC-0QC00 Datasheet HTML 33Page - Samsung semiconductor MC1GU032NBVC-0QC00 Datasheet HTML 34Page - Samsung semiconductor MC1GU032NBVC-0QC00 Datasheet HTML 35Page - Samsung semiconductor MC1GU032NBVC-0QC00 Datasheet HTML 36Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
MultiMediaCard
TM
32
[15:0] stuff bits
specific data (CSD)
*2 on CMD-line.
CMD10
ac
[31:16] RCA
[15:0] stuff bits
R2
SEND_CID
Asks the addressed card to send its card
identification (CID) on CMD-line.
CMD11
adtc
[31:0] data
address
R1
READ_DAT_UNTIL
_STOP
Reads data stream from the card, starting at
the given address, until a
STOP_TRANSMISSION follows.
These Samsung MultiMediaCard do not
support this command
CMD12
ac
[31:0] stuff bits
R1
or
R1b
*3
STOP_TRANSMISS
ION
Terminates a read/write stream/multiple
block operation. When CMD12 is used to
terminate a read transaction the card will
respond with R1. When it is used to stop a
write transaction the card will respond with
R1b.
CMD13
ac
[31:16] RCA
[15:0] stuff bits
R1
SEND_STATUS
Asks the addressed card to send its status
register.
CMD14
reserved
CMD15
ac
[31:16] RCA
[15:0] stuff bits
GO_INACTIVE_STA
TE
Sets the card to inactive state in order to
protect the card stack against
communications breakdowns.
CMD16
ac
[31:0] block
length
R1
SET_BLOCKLEN
Selects a block length (in bytes) for all
following block commands (read and write).
*4
CMD17
adtc
[31:0] data
address
R1
READ_SINGLE_BL
OCK
Reads a block of the size selected by the
SET_BLOCKLEN command.
*5
CMD18
adtc
[31:0] data
address
R1
READ_MULTIPLE_
BLOCK
Continuously send blocks of data until
interrupted by a stop.
CMD19
reserved
CMD20
adtc
[31:0] data
address
R1
WRITE_DAT_UNTIL
_STOP
Writes data stream from the host, starting at
the given address, until a
STOP_TRANSMISSION follows.
These Samsung MultiMediaCard do not
support this command
CMD21
CMD22
reserved
CMD23
ac
[31:16] set to 0
[15:0] number
of blocks
R1
SET_BLOCK_COU
NT
Defines the number of blocks which are
going to be transferred in the immediatedly
succeeding multiple block read or write
command.
CMD24
adtc
[31:0] data
address
R1
WRITE_BLOCK
Writes a block of the size selected by the
SET_BLOCKLEN command.
*6
CMD25
adtc
[31:0] data
address
R1
WRITE_MULTIPLE_
BLOCK
Continuously writes blocks of data until a
STOP_TRANSMISSION follows.
CMD26
adtc
[31:0] stuff bits
R1
PROGRAM_CID
Programming of the card identification
register. This command is only done once
per MultiMediaCard card. The card has
some hardware to prevent this operation
after the first programming. Normally this
command is reserved for the manufacturer.
CMD27
adtc
[31:0] stuff bits
R1
PROGRAM_CSD
Programming of the programmable bits of
the CSD.
CMD28
ac
[31:0] data
address
R1b
SET_WRITE_PROT
If the card has write protection features, this
command sets the write protection bit of the
addressed group. The properties of write
protection are coded in the card specific


同様の部品番号 - MC1GU032NBVC-0QC00

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
MC1GH128DACA-2SA00 SAMSUNG-MC1GH128DACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
MC1GH128NACA-2SA00 SAMSUNG-MC1GH128NACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
MC1GH256DACA-2SA00 SAMSUNG-MC1GH256DACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
More results

同様の説明 - MC1GU032NBVC-0QC00

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com