データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM5005MHX データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM5005MHX
部品情報  High Voltage 2.5 Amp Buck Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5005MHX データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LM5005MHX Datasheet HTML 6Page - National Semiconductor (TI) LM5005MHX Datasheet HTML 7Page - National Semiconductor (TI) LM5005MHX Datasheet HTML 8Page - National Semiconductor (TI) LM5005MHX Datasheet HTML 9Page - National Semiconductor (TI) LM5005MHX Datasheet HTML 10Page - National Semiconductor (TI) LM5005MHX Datasheet HTML 11Page - National Semiconductor (TI) LM5005MHX Datasheet HTML 12Page - National Semiconductor (TI) LM5005MHX Datasheet HTML 13Page - National Semiconductor (TI) LM5005MHX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Detailed Operating Description
The LM5005 high voltage switching regulator features all of
the functions necessary to implement an efficient high volt-
age buck regulator using a minimum of external compo-
nents. This easy to use regulator integrates a 75V
N-Channel buck switch with an output current capability of
2.5 Amps. The regulator control method is based on current
mode control utilizing an emulated current ramp. Peak cur-
rent mode control provides inherent line feed-forward, cycle-
by-cycle current limiting and ease of loop compensation. The
use of an emulated control ramp reduces noise sensitivity of
the pulse-width modulation circuit, allowing reliable process-
ing of very small duty cycles necessary in high input voltage
applications. The operating frequency is user programmable
from 50kHz to 500kHz. An oscillator synchronization pin
allows multiple LM5005 regulators to self synchronize or be
synchronized to an external clock. The output voltage can be
set from 1.225V. Fault protection features include, current
limiting, thermal shutdown and remote shutdown capability.
The device is available in the TSSOP-20 package featuring
an exposed pad to aid thermal dissipation.
The functional block diagram and typical application of the
LM5005 is shown in Figure 1. The LM5005 can be applied in
numerous applications to efficiently step-down a high un-
regulated input voltage. The device is well suited for tele-
com, industrial and automotive power bus voltage ranges.
High Voltage Start-Up Regulator
The LM5005 contains a dual mode internal high voltage
startup regulator that provides the Vcc bias supply for the
PWM controller and boot-strap MOSFET gate driver. The
input pin (Vin) can be connected directly to the input voltage,
as high as 75 Volts. For input voltages below 9V, a low
dropout switch connects Vcc directly to Vin. In this supply
range, Vcc is approximately equal to Vin. For Vin voltage
greater than 9V, the low dropout switch is disabled and the
Vcc regulator is enabled to maintain Vcc at approximately
7V. The wide operating range of 7 to 75V is achieved through
the use of this dual mode regulator.
The output of the Vcc regulator is current limited to 20mA.
Upon power up, the regulator sources current into the ca-
pacitor connected to the Vcc pin. When the voltage at the
Vcc pin exceeds the Vcc UVLO threshold of 6.3V and the SD
pin is greater than 1.225V, the output switch is enabled and
a soft-start sequence begins. The output switch remains
enabled until Vcc falls below 5.3V or the SD pin falls below
1.125V.
An auxiliary supply voltage can be applied to the Vcc pin to
reduce the IC power dissipation. If the auxiliary voltage is
greater than 7.3V, the internal regulator will essentially shut-
off, reducing the IC power dissipation. The Vcc regulator
series pass transistor includes a diode between Vcc and Vin
that should not be forward biased in normal operation.
Therefore the auxiliary Vcc voltage should never exceed the
Vin voltage.
In high voltage applications extra care should be taken to
ensure the Vin pin does not exceed the absolute maximum
voltage rating of 76V. During line or load transients, voltage
ringing on the Vin line that exceeds the Absolute Maximum
Ratings can damage the IC. Both careful PC board layout
and the use of quality bypass capacitors located close to the
Vin and GND pins are essential.
20161904
FIGURE 2. Vin and Vcc Sequencing
www.national.com
10


同様の部品番号 - LM5005MHX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5005MHX TI-LM5005MHX Datasheet
947Kb / 28P
[Old version datasheet]   LM5005 High Voltage 2.5 Amp Buck Regulator
LM5005MHX TI-LM5005MHX Datasheet
947Kb / 28P
[Old version datasheet]   LM5005 High Voltage 2.5 Amp Buck Regulator
LM5005MHX/NOPB TI1-LM5005MHX/NOPB Datasheet
986Kb / 28P
[Old version datasheet]   High Voltage 2.5 Amp Buck Regulator
More results

同様の説明 - LM5005MHX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5005 TI1-LM5005_14 Datasheet
986Kb / 28P
[Old version datasheet]   High Voltage 2.5 Amp Buck Regulator
LM5005MH TI-LM5005MH Datasheet
947Kb / 28P
[Old version datasheet]   LM5005 High Voltage 2.5 Amp Buck Regulator
LM5005MHX TI-LM5005MHX Datasheet
947Kb / 28P
[Old version datasheet]   LM5005 High Voltage 2.5 Amp Buck Regulator
logo
ON Semiconductor
FAN53741 ONSEMI-FAN53741 Datasheet
407Kb / 18P
   Synchronous Buck Regulator, 2.5 MHz
April, 2021 ??Rev. 4
logo
Allegro MicroSystems
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
logo
ON Semiconductor
NCV8800 ONSEMI-NCV8800 Datasheet
89Kb / 12P
   Synchronous Buck Regulator with 1.0 Amp Switch
September, 2003 ??Rev. 10
logo
List of Unclassifed Man...
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
   1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
   1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
Renesas Technology Corp
ISL95338 RENESAS-ISL95338_V01 Datasheet
840Kb / 51P
   Bidirectional Buck-Boost Voltage Regulator
Jul.18.19
ISL95338 RENESAS-ISL95338 Datasheet
1Mb / 48P
   Bidirectional Buck-Boost Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com