データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1854B データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC1854B
部品情報  ADVANCED HIGH-POWER FACTOR PREREGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC1854B データシート(HTML) 2 Page - Texas Instruments

  UC1854B Datasheet HTML 1Page - Texas Instruments UC1854B Datasheet HTML 2Page - Texas Instruments UC1854B Datasheet HTML 3Page - Texas Instruments UC1854B Datasheet HTML 4Page - Texas Instruments UC1854B Datasheet HTML 5Page - Texas Instruments UC1854B Datasheet HTML 6Page - Texas Instruments UC1854B Datasheet HTML 7Page - Texas Instruments UC1854B Datasheet HTML 8Page - Texas Instruments UC1854B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
UC1854B
UC2854A, UC2854B
UC3854A, UC3854B
SLUS329B − JUNE 1998 − REVISED FEBRUARY 2005
2
www.ti.com
DESCRIPTION (continued)
The UC3854A/B products improve upon the UC3854 by offering a wide bandwidth, low offset current amplifier,
a faster responding and improved accuracy enable comparator, a VREF GOOD comparator, UVLO threshold
options (16 V/10 V for offline, 10.5 V/10 V for startup from an auxiliary 12 V regulator), lower startup supply
current, and an enhanced multiply/divide circuit. New features like the amplifier output clamps, improved
amplifier current sinking capability, and low offset VAC pin reduce the external component count while improving
performance. Improved common mode input range of the multiplier output/current amplifier input allow the
designer greater flexibility in choosing a method for current sensing. Unlike its predecessor, RSET controls only
oscillator charging current and has no effect on clamping the maximum multiplier output current. This current
is now clamped to a maximum of 2
× IAC at all times which simplifies the design process and provides foldback
power limiting during brownout and extreme low line conditions.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UCX854A, UCX854B
UNIT
Supply voltage, VCC
22
V
GTDRV current, IGTDRV
Continuous
0.5
A
GTDRV Current, IGTDRV
50% duty cycle
1.5
A
Input voltage
VSENSE, VRMS, ISENSE MOUT
11
V
Input voltage
PKLMT
5
V
Input current
RSET, IAC, PKLMT, ENA
10
mA
Power dissipation
1
W
Junction temperature, TJ
−55 to 150
Storage temperature, Tstg
−65 to 150
°C
Lead temperature, Tsol, 1,6 mm (1/16 inch) from case for 10 seconds
300
C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is
not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltages are with respect to
GND. Currents are positive into and negative out of, the specified terminal. ENA input is internally clamped to approximately 10 V.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Supply voltage, VCC
10
20
V
UC1854X
−55
125
Operating junction temperature, TJ
UC2854X
−40
85
°C
Operating junction temperature, TJ
UC3854X
0
70
C


同様の部品番号 - UC1854B

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1854B TI-UC1854B Datasheet
188Kb / 7P
[Old version datasheet]   Enhanced High Power Factor Preregulator
UC1854BJ TI1-UC1854BJ Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854BJ TI1-UC1854BJ Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854BJ883B TI1-UC1854BJ883B Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854BJ883B TI1-UC1854BJ883B Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
More results

同様の説明 - UC1854B

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2854B-EP TI1-UC2854B-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
UC1854A TI1-UC1854A_15 Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_13 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI-UC2854B-EP_15 Datasheet
893Kb / 36P
[Old version datasheet]   UC2854B-EP Advanced High-Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com