データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2854BQ データシート(PDF) 6 Page - Texas Instruments

部品番号 UC2854BQ
部品情報  ADVANCED HIGH-POWER FACTOR PREREGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC2854BQ データシート(HTML) 6 Page - Texas Instruments

Back Button UC2854BQ Datasheet HTML 2Page - Texas Instruments UC2854BQ Datasheet HTML 3Page - Texas Instruments UC2854BQ Datasheet HTML 4Page - Texas Instruments UC2854BQ Datasheet HTML 5Page - Texas Instruments UC2854BQ Datasheet HTML 6Page - Texas Instruments UC2854BQ Datasheet HTML 7Page - Texas Instruments UC2854BQ Datasheet HTML 8Page - Texas Instruments UC2854BQ Datasheet HTML 9Page - Texas Instruments UC2854BQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
UC1854B
UC2854A, UC2854B
UC3854A, UC3854B
SLUS329B − JUNE 1998 − REVISED FEBRUARY 2005
6
www.ti.com
TERMINAL FUNCTIONS
TERMINAL
NAME
PACKAGES
I/O
DESCRIPTION
NAME
J/N/DW
Q/L
I/O
DESCRIPTION
CAO
3
4
O
Output of the wide bandwidth current amplifier and one of the inputs to the PWM duty-cycle
comparator. The output signal generated by this amplifier commands the PWM to force the correct
input current. The output can swing from 0.1 V to 7.5 V.
CT
14
18
I
Capacitor from CT to GND sets the PWM oscillator frequency
ENA
10
13
I
A nominal voltage above 2.65 V on this pin allows the device to begin operating. Once operating,
the device shuts off if this pin goes below 2.15 V nominal.
GND
1
2
All bypass and timing capacitors connected to GND should have leads as short and direct as
possible. All voltages are measured with respect GND.
GTDRV
16
20
O
Output of the PWM is a 1.5-A peak totem-pole MOSFET gate driver on GTDRV. This output is
internally clamped to 15 V so that the device can be operated with VCC as high as 35 V. Use a
series gate resistor of at least 5
Ω to prevent interaction between the gate impedance and the
GTDRV output driver that might cause the GTDRV output to overshoot excessively. Some
overshoot of the GTDRV output is always expected when driving a capacitive load.
IAC
6
8
I
Current input to the multiplier, proportional to the instantaneous line voltage. This input to the
analog multiplier is a current. The multiplier is tailored for very low distortion from this current input
(IAC) to MOUT, so this is the only multiplier input that should be used for sensing instantaneous
line voltage. The nominal voltage on IAC is 6 V, so in addition to a resistor from IAC to rectified
60 Hz, connect a resistor from IAC to VREF. If the resistor to VREF is one-fourth of the value of the
resistor to the rectifier, then the 6-V offset is cancelled, and the line current has minimal cross-over
distortion.
ISENSE
4
5
I
Switch current sensing input. This is the inverting input to the current amplifier. This input and the
non-inverting input MOUT remain functional down to and below GND. Care should be taken to
avoid taking these inputs below −0.5V, because they are protected with diodes to GND.
MOUT
5
7
I/O
Multiplier output and current sense plus. The output of the analog multiplier and the non-inverting
input of the current amplifier are connected together at MOUT. The cautions about taking ISENSE
below −0.5V also apply to MOUT. As the multiplier output is a current, this is a high-impedance
input similar to ISENSE, so the current amplifier can be configured as a differential amplifier to reject
GND noise.
PKLMT
2
3
I
Peak limit. The threshold for PKLMT is 0.0 V. Connect this input to the negative voltage on the
current sense resistor. Use a resistor to REF to offset the negative current sense signal up to GND.
RSET
12
15
I
Oscillator charging current and multiplier limit set. A resistor from RSET to ground programs
oscillator charging current. Multiplier output current does not exceed 3.75V divided by the resistor
from RSET to ground.
SS
13
17
I
Soft-start. SS remains at GND as long as the device is disabled or VCC is too low. SS pulls up to
over 8 V by an internal 14-mA current source when both VCC becomes valid and the device is
enabled. SS acts as the reference input to the voltage amplifier if SS is below VREF. With a large
capacitor from SS to GND, the reference to the voltage regulating amplifier rises slowly, and
increase the PWM duty cycle slowly. In the event of a disable command or a supply dropout, SS
will quickly discharge to ground and disable the PWM.
VAO
7
9
I
Voltage amplifier output
VCC
15
19
I
Positive supply rail
VREF
9
12
O
Used to set the peak limit point and as an internal reference for various device functions. This
voltage must be present for the device to operate.
VRMS
8
10
I
One of the inputs into the multiplier. This pin provides the input RMS voltage to the multiplier
circuitry.
VSENSE
11
14
I
This pin provides the feedback from the output. This input goes into the voltage error amplifier and
the output of the error amplifier is another of the inputs into the multiplier circuit.


同様の部品番号 - UC2854BQ

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2854BQ TI1-UC2854BQ Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854BQ TI1-UC2854BQ Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854BQG3 TI1-UC2854BQG3 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
More results

同様の説明 - UC2854BQ

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2854B-EP TI1-UC2854B-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
UC1854A TI1-UC1854A_15 Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_13 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI-UC2854B-EP_15 Datasheet
893Kb / 36P
[Old version datasheet]   UC2854B-EP Advanced High-Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com